Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7915 Datasheet (PDF) - Unisonic Technologies

LM7915 Datasheet PDF - Unisonic Technologies
Part # LM7915
Download  LM7915 Download
File Size   70.38 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR

LM7915 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7915 Datasheet PDF - Unisonic Technologies

Part # LM7915
Download  LM7915 Click to download

File Size   70.38 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR

LM7915 Datasheet (HTML) - Unisonic Technologies


LM7915 Product details

DESCRIPTION
The UTC LM79XX series of three-terminal negative regulators are available in TO-220 package and with several fixed output voltage, making them useful in a wide range of application. Each type employs internal current limiting, thermal shut-down and safe area protection, making it essentially indestructible.

FEATURES
* Output current up to 1A
* -5V;-6V;-8V;-12V;-15V;-18V;-24V output voltage available
* Thermal overload protection
* Short circuit protection




Similar Part No. - LM7915

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7915 NSC-LM7915 Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
LM7915 NSC-LM7915 Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
logo
List of Unclassifed Man...
LM7915 ETC-LM7915 Datasheet
50Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Seme LAB
LM7915 SEME-LAB-LM7915 Datasheet
87Kb / 6P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7915 TGS-LM7915 Datasheet
72Kb / 1P
3-Terminal 1A Positive Voltage Regulator
More results


Similar Description - LM7915

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
3-Terminal 1A Negative Voltage Regulator
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
3-Terminal 1A Negative Voltage Regulator
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
SN7905D KODENSHI-SN7905D Datasheet
559Kb / 17P
3 Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com