Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9231 Datasheet (PDF) - Holtek Semiconductor Inc

HT9231 Datasheet PDF - Holtek Semiconductor Inc
Part # HT9231
Download  HT9231 Download
File Size   121.83 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Operation Amplifier

HT9231 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9231 Datasheet PDF - Holtek Semiconductor Inc

Part # HT9231
Download  HT9231 Click to download

File Size   121.83 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Operation Amplifier

HT9231 Datasheet (HTML) - Holtek Semiconductor Inc


HT9231 Product details

General Description
The Holtek HT9231/HT9232/HT9234 range of Operational Amplifiers operate with a single supply voltage as low as 2.0V and offer a low supply current of only 220μA/amplifier. In offering rail-to-rail output voltage the devices can operate with a maximum voltage range. The devices also provide a gain bandwidth product of 2.3MHz and are also unity gain stable. These products are suitable for a wide range of analog signal processing applications but especially suitable for the portable device and battery powered equipment application areas.

Features
• Operating Voltage: 2.0V to 5.5V
• Supply Current: 220μA/amplifier typical
• Rail-to-Rail Output
• Gain Bandwidth: 2.3MHz typical
• Unity Gain Stable
• Available in Single, Dual and Quad Ops package types
• Package type:
   HT9231: TSOT23-5
   HT9232: 8-pin DIP/SOP
   HT9234: 14-pin DIP/SOP

Applications
• Automotive
• Portable Equipment
• Photo diode Amplifier
• Analog Filters
• Notebooks and PDAs
• Battery Powered Systems




Similar Part No. - HT9231

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9231 HOLTEK-HT9231 Datasheet
152Kb / 14P
Operation Amplifier
June 2, 2010
HT9231_1006 HOLTEK-HT9231_1006 Datasheet
152Kb / 14P
Operation Amplifier
June 2, 2010
More results


Similar Description - HT9231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL9002N ETC1-IL9002N Datasheet
47Kb / 2P
OPERATION AMPLIFIER
logo
Sharp Corporation
IR94559 SHARP-IR94559 Datasheet
120Kb / 3P
Low Noise Dual Operation Amplifier
logo
Fairchild Semiconductor
RC4741 FAIRCHILD-RC4741 Datasheet
293Kb / 7P
General Purpose Operation Amplifier
logo
National Semiconductor ...
MNLM101A-X NSC-MNLM101A-X Datasheet
32Kb / 5P
OPERATION AMPLIFIER
logo
Renesas Technology Corp
HA1630Q04 RENESAS-HA1630Q04 Datasheet
458Kb / 24P
Low Voltage Operation CMOS Quad Operational Amplifier
logo
Holtek Semiconductor In...
HT9291 HOLTEK-HT9291 Datasheet
122Kb / 14P
TinyPower Operation Amplifier
HT9231_1006 HOLTEK-HT9231_1006 Datasheet
152Kb / 14P
Operation Amplifier
June 2, 2010
HT9291_1010 HOLTEK-HT9291_1010 Datasheet
158Kb / 14P
TinyPower Operation Amplifier
logo
Seiko Instruments Inc
S19610A SII-S19610A Datasheet
782Kb / 18P
FOR AUTOMOTIVE 125C OPERATION CMOS OPERATIONAL AMPLIFIER
logo
Jingjing Microelectroni...
EG324 EGMICRO-EG324 Datasheet
823Kb / 16P
Four-dImensIonal independent operation amplifier
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com