Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCU584 Datasheet (PDF) - Unisonic Technologies

UTCU584 Datasheet PDF - Unisonic Technologies
Part # UTCU584
Download  UTCU584 Download
File Size   686.93 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3~8 AMP 5V TO 3.3V VOLTAGE CONVERSION REGULATOR

UTCU584 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTCU584 Datasheet PDF - Unisonic Technologies

Part # UTCU584
Download  UTCU584 Click to download

File Size   686.93 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3~8 AMP 5V TO 3.3V VOLTAGE CONVERSION REGULATOR

UTCU584 Datasheet (HTML) - Unisonic Technologies


UTCU584 Product details

DESCRIPTION
The UTC U584/585/587 voltage regulators are monolithic integrated circuits, designed for use in applications requiring a well regulated positive output voltage with +5V input. The output voltage can be adjustable from 3.8 V down to 1.3V.

FEATURES
* Low dropout performance.
* Adjustable output down to 1.3V.
* Line regulation typically below 0.1%.
* Load regulation typically below 0.1%.
* Output current can be up to 8 A for UTC U584.




Similar Part No. - UTCU584

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCU651 UTC-UTCU651 Datasheet
133Kb / 3P
LINEAR INTEGRATED CIRCUIT
UTCUA8868 UTC-UTCUA8868 Datasheet
156Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3843A UTC-UTCUC3843A Datasheet
114Kb / 7P
CURRENT MODE PWM CONTROL CIRCUITS
UTCUC723 UTC-UTCUC723 Datasheet
222Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
More results


Similar Description - UTCU584

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Toshiba Semiconductor
TA8044F TOSHIBA-TA8044F Datasheet
330Kb / 8P
3.3V/5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMMER
TA8044AF TOSHIBA-TA8044AF Datasheet
199Kb / 10P
3.3V / 5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Texas Instruments
PT6705 TI-PT6705 Datasheet
358Kb / 6P
13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
logo
National Semiconductor ...
LM3940 NSC-LM3940_03 Datasheet
367Kb / 11P
1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Texas Instruments
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
3 Amp 5V Input Adjustable Integrated Switching Regulator
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
logo
Texas Instruments
LM3940IT-33 TI1-LM3940IT-33 Datasheet
1Mb / 18P
LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
ACE Technology Co., LTD...
ACE78L05S ACE-ACE78L05S Datasheet
409Kb / 6P
5V 3-Terminal Positive Voltage Regulator
VER1.2
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com