Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JVR-34N162K Datasheet (PDF) - RFE international

JVR-34N162K Datasheet PDF - RFE international
Part # JVR-34N162K
Download  JVR-34N162K Download
File Size   103.16 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description METAL OXIDE VARISTOR 34mm Square, Large Size, High Surge

JVR-34N162K Datasheet (PDF)

Go To PDF Page Download Datasheet
JVR-34N162K Datasheet PDF - RFE international

Part # JVR-34N162K
Download  JVR-34N162K Click to download

File Size   103.16 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description METAL OXIDE VARISTOR 34mm Square, Large Size, High Surge

JVR-34N162K Datasheet (HTML) - RFE international




Similar Part No. - JVR-34N162K

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR-32N102K RFE-JVR-32N102K Datasheet
95Kb / 1P
METAL OXIDE VARISTOR 32mm, Large Size, High Surge
JVR-32N112K RFE-JVR-32N112K Datasheet
95Kb / 1P
METAL OXIDE VARISTOR 32mm, Large Size, High Surge
JVR-32N122K RFE-JVR-32N122K Datasheet
95Kb / 1P
METAL OXIDE VARISTOR 32mm, Large Size, High Surge
JVR-32N142K RFE-JVR-32N142K Datasheet
95Kb / 1P
METAL OXIDE VARISTOR 32mm, Large Size, High Surge
JVR-32N162K RFE-JVR-32N162K Datasheet
95Kb / 1P
METAL OXIDE VARISTOR 32mm, Large Size, High Surge
More results


Similar Description - JVR-34N162K

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR05S180M65 RFE-JVR05S180M65 Datasheet
113Kb / 1P
METAL OXIDE VARISTOR 5mm Disc HIGH SURGE
JVR07S180M65 RFE-JVR07S180M65 Datasheet
112Kb / 1P
METAL OXIDE VARISTOR 7mm Disc HIGH SURGE
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
JVR14U201K87 RFE-JVR14U201K87 Datasheet
395Kb / 1P
METAL OXIDE VARISTOR Ultra High Surge 14mm & 20mm
JVR20S180M11 RFE-JVR20S180M11 Datasheet
168Kb / 1P
METAL OXIDE VARISTOR 20mm Disc HIGH SURGE
JVR-25N180LPU5L RFE-JVR-25N180LPU5L Datasheet
118Kb / 2P
METAL OXIDE VARISTOR 25mm, Large Size, High Surge
JVR-32N201K RFE-JVR-32N201K Datasheet
95Kb / 1P
METAL OXIDE VARISTOR 32mm, Large Size, High Surge
JVR-40N201K RFE-JVR-40N201K Datasheet
104Kb / 1P
METAL OXIDE VARISTOR 40mm, Large Size, High Surge
JVR-53N201K RFE-JVR-53N201K Datasheet
101Kb / 1P
METAL OXIDE VARISTOR 53mm, Large Size, High Surge
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com