Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS3V253 Datasheet (PDF) - Vaishali Semiconductor

VS3V253 Datasheet PDF - Vaishali Semiconductor
Part # VS3V253
Download  VS3V253 Download
File Size   63.71 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux

VS3V253 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS3V253 Datasheet PDF - Vaishali Semiconductor

Part # VS3V253
Download  VS3V253 Click to download

File Size   63.71 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux

VS3V253 Datasheet (HTML) - Vaishali Semiconductor


VS3V253 Product details

General Description
The VS3V253 is a high-speed LVTTL–compatible dual 4:1 multiplexer/demultiplexer. The VS3V2253 contains two mux/demux channels with common path control (S0 & S1) and individual active LOW enables /EA and /EB. The low ON resistance of VS3V253 allows inputs to be connected to outputs without adding propagation delay and without generating additional signal noise. The VS3V2253 has 25Ω resistors in series with the switches to reduce ground-bounce noise and signal reflections.
   
Features
• Enhanced N-FET with no DC path to VCC
    or GND in normal operating signal voltage
    range.
• Low impedance switches connect inputs to
    outputs with near-zero propagation delay:
    5Ω (VS3V253) and 25Ω (VS3V2253)
• Pin-compatible with 74LVC253 or
    equivalent logic devices
• Zero added ground bounce or signal noise
• Break-before-make feature
• Undershoot clamp diodes on all switch and
    control pins
• ESD rating >2000V (Human Body Model)
    or >200V (Machine Model)
• Latch-up current >100mA
• Available in 150-mil wide QSOP package
   
Applications
• 3.3V to 2.5V translation
• 2.5V to 1.8V translation
• Hot-Swapping
• Logic replacement
• Memory bank, video, and audio
    switching
   




Similar Part No. - VS3V253

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3V257 VAISH-VS3V257 Datasheet
60Kb / 6P
High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
VS3V257Q VAISH-VS3V257Q Datasheet
60Kb / 6P
High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
VS3V257QX VAISH-VS3V257QX Datasheet
60Kb / 6P
High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
More results


Similar Description - VS3V253

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
Quad 2:1 Mux/Demux VSwitch
VS3V257 VAISH-VS3V257 Datasheet
60Kb / 6P
High-speed 3.3V CMOS VSwitch Quad 2:1 Mux/Demux
logo
Integrated Device Techn...
IDTQS3253 IDT-IDTQS3253 Datasheet
47Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
IDTQS32253 IDT-IDTQS32253 Datasheet
76Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
logo
Pericom Semiconductor C...
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
logo
Integrated Device Techn...
IDTQS3253 IDT-IDTQS3253_06 Datasheet
223Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Pericom Semiconductor C...
PI3DBS3224 PERICOM-PI3DBS3224 Datasheet
1Mb / 10P
3.3V High Speed 2 : 4 Differential Mux/Demux
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
logo
Renesas Technology Corp
IDTQS3253 RENESAS-IDTQS3253 Datasheet
391Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
FEBRUARY 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com