Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA75A Datasheet (PDF) - RFE international

SA75A Datasheet PDF - RFE international
Part # SA75A
Download  SA75A Download
File Size   92.22 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description TVS DIODE Electrical Characteristics SA & 5KP Series: 5 to 180 Volts

SA75A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA75A Datasheet PDF - RFE international

Part # SA75A
Download  SA75A Click to download

File Size   92.22 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description TVS DIODE Electrical Characteristics SA & 5KP Series: 5 to 180 Volts

SA75A Datasheet (HTML) - RFE international


SA75A Product details

LEADED (THRU-HOLE) TVS DIODE: P4KE, P6KE, 1.5KE

TRANSIENT VOLTAGE SUPPRESSOR (400, 600, 1500W PPK)
Operating Temperature: -65°C to 125°C

Transient Voltage Suppressor (500W & 5000W)
Operating Temperature: -55 °C to +175 °C




Similar Part No. - SA75A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA75A MOTOROLA-SA75A Datasheet
50Kb / 3P
MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Pan Jit International I...
SA75A PANJIT-SA75A Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA75A WTE-SA75A Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA75A BYTES-SA75A Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA75A DCCOM-SA75A Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA75A

ManufacturerPart #DatasheetDescription
logo
RFE international
P4KE12AR RFE-P4KE12AR Datasheet
61Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR DIODE P4KE, SA, P6KE, 1.5KE, 5KP; 400W to 5000W PPK
SMAJ5.0 RFE-SMAJ5.0 Datasheet
55Kb / 1P
SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
SMAJ33 RFE-SMAJ33 Datasheet
55Kb / 1P
SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
logo
Cooper Bussmann, Inc.
170M1422 COOPER-170M1422 Datasheet
46Kb / 2P
Electrical Characteristics
logo
Shanghai Yint Electroni...
5KP YINT-5KP Datasheet
876Kb / 5P
5KP Transient Voltage Suppressor Diode Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com