Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A080BJ-01 Datasheet (PDF) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

A080BJ-01 Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Part # A080BJ-01
Download  A080BJ-01 Download
File Size   29.87 Kbytes
Page   1 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description PNP SILICON TRANSISTOR

A080BJ-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
A080BJ-01 Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # A080BJ-01
Download  A080BJ-01 Click to download

File Size   29.87 Kbytes
Page   1 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description PNP SILICON TRANSISTOR

A080BJ-01 Datasheet (HTML) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD


A080BJ-01 Product details

1013 Transistor Chip Manual

█ Introduction to the chip
    Chip size: 4 inches (100mm)
    Chip code: A080BJ-01
    Chip thickness: 240±20µm
    Die size: 800×800µm 2
    Welding position size: B pole 124×124µm 2; E pole 221×110µm 2
    Electrode metal: aluminum
    Back metal: gold
    Typical package: 2SA1013




Similar Part No. - A080BJ-01

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
A080BJ-00 HUASHAN-A080BJ-00 Datasheet
30Kb / 1P
PNP SILICON TRANSISTOR
A080BJ-02 HUASHAN-A080BJ-02 Datasheet
29Kb / 1P
PNP SILICON TRANSISTOR
A080BJ-03 HUASHAN-A080BJ-03 Datasheet
29Kb / 1P
PNP SILICON TRANSISTOR
A080BJ-04 HUASHAN-A080BJ-04 Datasheet
227Kb / 1P
PNP SILICON TRANSISTOR
More results


Similar Description - A080BJ-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com