Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI-200 Datasheet (PDF) - Vicor Corporation

MI-200 Datasheet PDF - Vicor Corporation
Part # MI-200
Download  MI-200 Download
File Size   86.89 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Military DC-DC Converters 50 to 100W

MI-200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MI-200 Datasheet PDF - Vicor Corporation

Part # MI-200
Download  MI-200 Click to download

File Size   86.89 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Military DC-DC Converters 50 to 100W

MI-200 Datasheet (HTML) - Vicor Corporation


MI-200 Product details

Military DC-DC Converters 50 to 100W



Features

Inputs:

  28Vdc per MIL-STD-704D/E

  155Vdc per MIL-STD-1399A

  270Vdc per MIL-STD-704D/E

Single output: 2 – 48Vdc

Up to 23W/in3

MIL-STD-810 environments

Up to 90% efficiency

Remote sense

Current limit

OVP and thermal shutdown

Power boosters for higher power outputs

ZVS/ZCS power architecture

Low noise FM control

Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7mm)




Similar Part No. - MI-200

ManufacturerPart #DatasheetDescription
logo
Powerbox
MI-200 POWERBOX-MI-200 Datasheet
724Kb / 1P
50-100 WATTS MILITARY COTS DC/DC CONVERTER
More results


Similar Description - MI-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS70T300 STMICROELECTRONICS-GS70T300 Datasheet
91Kb / 10P
70W/100W DC-DC CONVERTERS FAMILY
12-Feb-2015
logo
Vicor Corporation
MI-J00 VICOR-MI-J00 Datasheet
86Kb / 2P
Military DC-DC Converters 10 to 50W
logo
List of Unclassifed Man...
MI-220 ETC1-MI-220 Datasheet
92Kb / 2P
Military DC-DC Converters 50 to 100W
logo
Artesyn Technologies
BXB100 ARTESYN-BXB100 Datasheet
74Kb / 3P
66-100W Wide Input DC/DC Converters
EXB100 ARTESYN-EXB100 Datasheet
59Kb / 2P
54-100W DC/DC Isolated Converters
EXQ125 ARTESYN-EXQ125 Datasheet
49Kb / 2P
36-100W High Efficiency DC/DC Converters
logo
SynQor Worldwide Headqu...
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
Military COTS DC/DC Converters
MCOTS-C-28-12-QT SYNQOR-MCOTS-C-28-12-QT Datasheet
942Kb / 13P
Military COTS DC/DC Converters
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
DC-DC Converters 50 to 200 Watts
logo
TDK Electronics
CN-A24 TDK-CN-A24 Datasheet
112Kb / 2P
50 & 100W 14.4 to 36VDC Input DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com