Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-AIM Datasheet (PDF) - Vicor Corporation

VI-AIM Datasheet PDF - Vicor Corporation
Part # VI-AIM
Download  VI-AIM Download
File Size   51.24 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Universal AC Input Front End Module

VI-AIM Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-AIM Datasheet PDF - Vicor Corporation

Part # VI-AIM
Download  VI-AIM Click to download

File Size   51.24 Kbytes
Page   2 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Universal AC Input Front End Module

VI-AIM Datasheet (HTML) - Vicor Corporation


VI-AIM Product details

Product Highlights
The AIM (Alternating Input Module) is an AC front-end module which interfaces directly with worldwide AC mains. The AIM provides line rectification, EMI/RFI filtering, transient protection and inrush limiting in a half brick package measuring 2.28" x 2.4" x 0.5".

Features
• Universal Input: 85 to 264Vac
• Output Power: 250W
• Operating Temperature: 100°C
• Efficiency: 97%
• Integral EMI Filtering
• Input Transient Protection
• Inrush Limiting
• CE Marked




Similar Part No. - VI-AIM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-AIM-C1 VICOR-VI-AIM-C1 Datasheet
84Kb / 2P
VI-AIM (Universal AC Input Front End Module)
logo
Powerbox
VI-AIM-C1 POWERBOX-VI-AIM-C1 Datasheet
438Kb / 1P
AC INPUT MODULE
logo
Vicor Corporation
VI-AIM-C1 VICOR-VI-AIM-C1 Datasheet
164Kb / 4P
Universal AC Input Front End Module
VI-AIM-E1 VICOR-VI-AIM-E1 Datasheet
84Kb / 2P
VI-AIM (Universal AC Input Front End Module)
logo
Powerbox
VI-AIM-E1 POWERBOX-VI-AIM-E1 Datasheet
438Kb / 1P
AC INPUT MODULE
More results


Similar Description - VI-AIM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-AIM-E1 VICOR-VI-AIM-E1 Datasheet
84Kb / 2P
VI-AIM (Universal AC Input Front End Module)
logo
Powerbox
EN1C21 POWERBOX-EN1C21 Datasheet
415Kb / 1P
AC INPUT MODULAR FRONT END SYSTEMS
logo
TriQuint Semiconductor
TQP887051 TRIQUINT-TQP887051_15 Datasheet
250Kb / 1P
802.11a/n/ac WLAN Front End Module
logo
Vicor Corporation
AIM1714BB6MC7D5C00 VICOR-AIM1714BB6MC7D5C00 Datasheet
189Kb / 14P
Universal AC Input Module
logo
RF Micro Devices
RFFM4591 RFMD-RFFM4591 Datasheet
574Kb / 8P
802.11a/n/ac FRONT END MODULE
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
Universal Front End
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ_17 Datasheet
305Kb / 14P
Universal AC Input Module
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
Universal AC Input Front End Module
GP-MPFC1H21 VICOR-GP-MPFC1H21 Datasheet
390Kb / 9P
AC Input Front End Module
MI-AIM VICOR-MI-AIM Datasheet
154Kb / 5P
AC Input Front End Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com