Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9987 Datasheet (PDF) - Vishay Siliconix

SI9987 Datasheet PDF - Vishay Siliconix
Part # SI9987
Download  SI9987 Download
File Size   85.43 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Buffered H-Bridge

SI9987 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9987 Datasheet PDF - Vishay Siliconix

Part # SI9987
Download  SI9987 Click to download

File Size   85.43 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Buffered H-Bridge

SI9987 Datasheet (HTML) - Vishay Siliconix


SI9987 Product details

DESCRIPTION
The Si9987 is an integrated, buffered H-bridge with TTL compatible inputs and the capability of delivering a continuous 1 A at VDD = 5 V (room temperature) at switching rates up to 500 kHz. Internal logic prevents the upper and lower outputs of either half-bridge from being turned on simultaneously. Unique input codes allow both outputs to be forced low (for braking) or forced to a high impedance level.
The Si9987 is available in an 8-pin SOIC package, specified to operate over a voltage range of 3.8 V to 13.2 V, and the commercial temperature range of 0 °C to 70 °C (C suffix) and - 40 °C to 85 °C (D suffix). The Si9987 is available in lead free.

FEATURES
• 1 A H-bridge
• 500 kHz switching rate
• Shoot-through limited
• TTL compatible inputs
• 3.8 V to 13.2 V operating range
• Surface mount packaging1 A H-bridge

APPLICATIONS
• VCM driver
• Brushed motor driver
• Stepper motor driver
• Power converter
• Optical disk drives
• Power supplies
• High performance servo




Similar Part No. - SI9987

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9987 VISHAY-SI9987 Datasheet
153Kb / 7P
Buffered H-Bridge
16-Feb-04
SI9987 VISHAY-SI9987 Datasheet
152Kb / 6P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
Buffered H-Bridge
16-Feb-04
SI9987DY-T1-E3 VISHAY-SI9987DY-T1-E3 Datasheet
153Kb / 7P
Buffered H-Bridge
16-Feb-04
SI9987 VISHAY-SI9987_V01 Datasheet
152Kb / 6P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
More results


Similar Description - SI9987

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9988 VISHAY-SI9988 Datasheet
35Kb / 5P
Buffered H-Bridge
09-Oct-00
SI9986 VISHAY-SI9986 Datasheet
43Kb / 4P
Buffered H-Bridge
16-Feb-04
SI9986 VISHAY-SI9986_05 Datasheet
73Kb / 5P
Buffered H-Bridge
16-Feb-04
SI9986 VISHAY-SI9986_07 Datasheet
125Kb / 6P
Buffered H-Bridge
22-Oct-07
SI9988 VISHAY-SI9988_04 Datasheet
129Kb / 8P
Buffered H-Bridge
19-Apr-04
SI9987DY-T1-E3 VISHAY-SI9987DY-T1-E3 Datasheet
153Kb / 7P
Buffered H-Bridge
16-Feb-04
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
Buffered H-Bridge
16-Feb-04
SI9986 VISHAY-SI9986_V01 Datasheet
152Kb / 6P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
SI9987 VISHAY-SI9987_V01 Datasheet
152Kb / 6P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
SI9988 VISHAY-SI9988_V01 Datasheet
143Kb / 7P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com