Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBTA6A60 Datasheet (PDF) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HBTA6A60 Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Part # HBTA6A60
Download  HBTA6A60 Download
File Size   136.74 Kbytes
Page   3 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description INNER INSULATED TYPE TRIAC (II TO-220 PACKAGE)

HBTA6A60 Datasheet (PDF)

Go To PDF Page Download Datasheet
HBTA6A60 Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HBTA6A60
Download  HBTA6A60 Click to download

File Size   136.74 Kbytes
Page   3 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description INNER INSULATED TYPE TRIAC (II TO-220 PACKAGE)

HBTA6A60 Datasheet (HTML) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD


HBTA6A60 Product details

General Description

This device is fully isolated package suitable for AC switching application, phase control application such as fan speed and temperature modulation control, lighting control and static switching relay.



Features

* Repetitive Peak Off-State Voltage: 600V

* R.M.S On-State Current(IT(RMS)=6A)

* High Commutation dv/dt

*Isolation Voltage( VISO=2500V AC)



 




Similar Part No. - HBTA6A60

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HBTA12A60 HUASHAN-HBTA12A60 Datasheet
148Kb / 3P
INNER INSULATED TYPE TRIAC (II TO-220 PACKAGE)
HBTA16A60 HUASHAN-HBTA16A60 Datasheet
149Kb / 3P
INNER INSULATED TYPE TRIAC (II TO-220 PACKAGE)
HBTA20A60 HUASHAN-HBTA20A60 Datasheet
114Kb / 3P
INNER INSULATED TYPE TRIAC (II TO-220 PACKAGE)
HBTA8A60 HUASHAN-HBTA8A60 Datasheet
160Kb / 3P
INNER INSULATED TYPE TRIAC (II TO-220 PACKAGE)
More results


Similar Description - HBTA6A60

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HBTA8A60 HUASHAN-HBTA8A60 Datasheet
160Kb / 3P
INNER INSULATED TYPE TRIAC (II TO-220 PACKAGE)
HBTA12A60 HUASHAN-HBTA12A60 Datasheet
148Kb / 3P
INNER INSULATED TYPE TRIAC (II TO-220 PACKAGE)
HBTA16A60 HUASHAN-HBTA16A60 Datasheet
149Kb / 3P
INNER INSULATED TYPE TRIAC (II TO-220 PACKAGE)
HBTA20A60 HUASHAN-HBTA20A60 Datasheet
114Kb / 3P
INNER INSULATED TYPE TRIAC (II TO-220 PACKAGE)
HTP4A60 HUASHAN-HTP4A60 Datasheet
176Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP6A60 HUASHAN-HTP6A60 Datasheet
176Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP8A60 HUASHAN-HTP8A60 Datasheet
214Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP12A60 HUASHAN-HTP12A60 Datasheet
189Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP16A60 HUASHAN-HTP16A60 Datasheet
192Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP20A60 HUASHAN-HTP20A60 Datasheet
179Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com