Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMIP2-B28DL Datasheet (PDF) - KODENSHI_AUK CORP.

KMIP2-B28DL Datasheet PDF - KODENSHI_AUK CORP.
Part # KMIP2-B28DL
Download  KMIP2-B28DL Download
File Size   286.18 Kbytes
Page   2 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 2 Mini CAN InGaAs PIN PD

KMIP2-B28DL Datasheet (PDF)

Go To PDF Page Download Datasheet
KMIP2-B28DL Datasheet PDF - KODENSHI_AUK CORP.

Part # KMIP2-B28DL
Download  KMIP2-B28DL Click to download

File Size   286.18 Kbytes
Page   2 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description 2 Mini CAN InGaAs PIN PD

KMIP2-B28DL Datasheet (HTML) - KODENSHI_AUK CORP.


KMIP2-B28DL Product details

Description

The KMIP2-B28DL is InGaAs PIN Photodiode has the cap with only Ø1.96mm and less than 3mm in hight. Stem types of 2-leads(KMIP2) and 1-lead(KPIM1)are available. The flat window type or a pigtail type also available. It is recommended for optical data communication and power monitoring.



Features

Front illuminated planar PIN-PD

Low capacitance and low dark current

Hermetically sealed package with Ø1.96mm lens cap

High reliability and environmental endurance and the cap height is less than 3mm

Wide operating wavelength range from 1.1µm to 1.6µm



Applications

Optical Data Communications

Optical power monitoring




Similar Part No. - KMIP2-B28DL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KMIP2-L225DL KODENSHI-KMIP2-L225DL Datasheet
252Kb / 2P
Long Cap 2 Mini CAN InGaAs PIN PD
More results


Similar Description - KMIP2-B28DL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD1450-35T52 ETC-PD1450-35T52 Datasheet
25Kb / 1P
InGaAs PIN-PD
logo
Optoway Technology Inc
PD-1300 OPTOWAY-PD-1300 Datasheet
70Kb / 2P
InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL
PD-1310 OPTOWAY-PD-1310 Datasheet
71Kb / 2P
InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
PD-1350 OPTOWAY-PD-1350 Datasheet
62Kb / 2P
Mini-Size InGaAs PIN PD MODULE InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
PD-1500 OPTOWAY-PD-1500 Datasheet
76Kb / 2P
InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-1190 OPTOWAY-PD-1190_09 Datasheet
117Kb / 3P
InGaAs PIN PHOTODIODE 2 mm InGaAs PIN Photdiode with TO-5 Package
logo
KODENSHI_AUK CORP.
KMIP2-L225DL KODENSHI-KMIP2-L225DL Datasheet
252Kb / 2P
Long Cap 2 Mini CAN InGaAs PIN PD
KRT-13221 KODENSHI-KRT-13221 Datasheet
182Kb / 2P
1.25Gbps InGaAs PIN PD for TO 46 PKG
KRT-14211C KODENSHI-KRT-14211C Datasheet
194Kb / 2P
2.5G InGaAs PIN PD for TO 46 PKG
logo
Optoway Technology Inc
PD-1320 OPTOWAY-PD-1320 Datasheet
130Kb / 3P
InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE PIGTAIL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com