Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5060 Datasheet (PDF) - Rohm

C5060 Datasheet PDF - Rohm
Part # C5060
Download  C5060 Download
File Size   171.37 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power transistor (90-10V, 3A)

C5060 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5060 Datasheet PDF - Rohm

Part # C5060
Download  C5060 Click to download

File Size   171.37 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power transistor (90-10V, 3A)

C5060 Datasheet (HTML) - Rohm




Similar Part No. - C5060

ManufacturerPart #DatasheetDescription
logo
Rohm
C5060 ROHM-C5060 Datasheet
83Kb / 4P
Power transistor (90짹10, 3A)
logo
Anaren Microwave
C5060J5003AHF ANAREN-C5060J5003AHF Datasheet
282Kb / 7P
Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results


Similar Description - C5060

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
Power Transistor (-50V, -3A)
2SB1184 ROHM-2SB1184 Datasheet
129Kb / 3P
Power Transistor (-60V, -3A)
2SC5824 ROHM-2SC5824 Datasheet
46Kb / 4P
Power transistor (60V, 3A)
2SD1762 ROHM-2SD1762 Datasheet
153Kb / 4P
Power Transistor (50V, 3A)
2SC5825 ROHM-2SC5825 Datasheet
46Kb / 4P
Power transistor (60V, 3A)
2SB1184 ROHM-2SB1184_10 Datasheet
172Kb / 4P
Power Transistor (-60V, -3A)
2SC5824 ROHM-2SC5824_2 Datasheet
95Kb / 4P
Power transistor (60V, 3A)
2SD1864 ROHM-2SD1864 Datasheet
147Kb / 4P
Power Transistor (50V, 3A)
2SA2071P5 ROHM-2SA2071P5 Datasheet
1Mb / 10P
Power transistor (-60V, -3A)
logo
Monolithic Power System...
MEZD41503A-X MPS-MEZD41503A-X Datasheet
511Kb / 4P
2.7V - 10V Input, 3A, Step-Up Power Supply
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com