Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3946ETG+ Datasheet (PDF) - Maxim Integrated Products

MAX3946ETG+ Datasheet PDF - Maxim Integrated Products
Part # MAX3946ETG+
Download  MAX3946ETG+ Download
File Size   2388.2 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance

MAX3946ETG+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3946ETG+ Datasheet PDF - Maxim Integrated Products

Part # MAX3946ETG+
Download  MAX3946ETG+ Click to download

File Size   2388.2 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance

MAX3946ETG+ Datasheet (HTML) - Maxim Integrated Products


MAX3946ETG+ Product details

General Description
The MAX3946 is a +3.3V, multirate, low-power laser diode driver designed for Ethernet and Fibre Channel transmission systems at data rates up to 11.3Gbps. This device is optimized to drive a differential transmitter optical subassembly (TOSA) with a 25I flex circuit. The unique design of the output stage enables use of unmatched TOSAs, greatly reducing headroom limitations and lowering power consumption.
The device receives differential CML-compatible signals with on-chip line termination. It can deliver laser modulation current of up to 80mA, at an edge speed of 22ps (20% to 80%), into a 5I to 25I external differential load. The device is designed to have a symmetrical output stage with on-chip back terminations integrated into its outputs. A high-bandwidth, fully differential signal path is implemented to minimize deterministic jitter. An equalization block can be activated to compensate for the SFP+ connector. The integrated bias circuit provides programmable laser bias current up to 80mA. Both the laser bias generator and the laser modulator can be disabled from a single pin.
A 3-wire digital interface reduces the pin count and permits adjustment of input equalization, pulse-width adjustment, Tx polarity, Tx deemphasis, modulation current, and bias current without the need for external components. The MAX3946 is available in a 4mm x 4mm, 24-pin TQFN package.

Features
♦ 225mW Power Dissipation Enables < 1W SFP+ Modules
♦ Up to 100mW Power Consumption Reduction by Enabling the Use of Unmatched FP/DFB TOSAs
♦ Supports SFF-8431 SFP+ MSA and SFF-8472 Digital Diagnostic
♦ 225mW Power Dissipation at 3.3V (IMOD = 40mA, IBIAS = 60mA Assuming 25I TOSA)
♦ Single +3.3V Power Supply
♦ Up to 11.3Gbps (NRZ) Operation
♦ Programmable Modulation Current from 10mA to 100mA (5Ω Load)
♦ Programmable Bias Current from 5mA to 80mA
♦ Programmable Input Equalization
♦ Programmable Output Deemphasis
♦ 25Ω Output Back Termination at TOUT+ and TOUT
♦ DJ Performance 7psP-P with Mismatched Differential Load (5Ω)
♦ DJ Performance 5psP-P with Mismatched Differential Load (25Ω)
♦ DJ Performance 5psP-P with 50Ω Differential Load
♦ Programmable Pulse Width
♦ Edge Transition Times of 22ps
♦ Bias Current Monitor
♦ Integrated Eye Safety Features
♦ 3-Wire Digital Interface
♦ -40°C to +95°C Operation

Applications
   4x/8x FC SFP+ Optical Transceivers
   10GFC SFP+ Optical Transceivers
   10GBASE-LR SFP+ Optical Transceivers
   10GBASE-LRM SFP+ Optical Transceivers
   OC192-SR XFP/SFP+ SDH/SONET Transceivers




Similar Part No. - MAX3946ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946ETG MAXIM-MAX3946ETG Datasheet
2Mb / 29P
1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 1; 5/11
More results


Similar Description - MAX3946ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3646 MAXIM-MAX3646 Datasheet
832Kb / 14P
155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
MAX3946 MAXIM-MAX3946_11 Datasheet
2Mb / 29P
1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 1; 5/11
logo
Micrel Semiconductor
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
11.3Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3948 MAXIM-MAX3948 Datasheet
3Mb / 37P
11.3Gbps, Low-Power, DC-Coupled Laser Driver
Rev 0; 6/11
MAX3945ETE MAXIM-MAX3945ETE Datasheet
2Mb / 24P
1.0625Gbps to 11.3Gbps, SFP Dual-Path Limiting Amplifier
Rev 0; 2/10
logo
Micrel Semiconductor
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
11.3Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3949 MAXIM-MAX3949 Datasheet
2Mb / 38P
11.3Gbps, Low-Power, AC-Coupled Laser Driver
Rev 1; 4/14
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3948 MAXIM-MAX3948_V01 Datasheet
2Mb / 37P
11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com