Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3948 Datasheet (PDF) - Maxim Integrated Products

MAX3948 Datasheet PDF - Maxim Integrated Products
Part # MAX3948
Download  MAX3948 Download
File Size   3974.9 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 11.3Gbps, Low-Power, DC-Coupled Laser Driver

MAX3948 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3948 Datasheet PDF - Maxim Integrated Products

Part # MAX3948
Download  MAX3948 Click to download

File Size   3974.9 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 11.3Gbps, Low-Power, DC-Coupled Laser Driver

MAX3948 Datasheet (HTML) - Maxim Integrated Products


MAX3948 Product details

General Description
The MAX3948 is a 3.3V, multirate, low-power laser diode driver designed for Ethernet, Fibre Channel, and SONET transmission systems at data rates up to 11.3Gbps. This device is optimized to drive a differential transmitter optical subassembly (TOSA) with a 25I flex circuit. The unique design of the output stage enables DC-coupling to unmatched TOSAs, thereby lowering transmitter power consumption by more than 100mW.
The MAX3948 receives differential AC-coupled signals with on-chip termination. It can deliver laser modulation currents of up to 85mA at an edge speed of 26ps (20% to 80%) into a 5I external differential load. The device is designed to have a high-bandwidth differential signal path with on-chip back termination resistors integrated into its outputs. An input equalization block can be activated to compensate for SFP+/QSFP+ host connector losses. The integrated DC circuit provides programmable laser DC currents up to 61mA. Both the laser DC current generator and the laser modulator can be disabled from a single pin.
The device offers one dedicated pin (VSEL) to program up to four channel addresses for multichannel applications.
The use of a 3-wire digital interface reduces the pin count while permitting adjustment of input equalization, polarity, output deemphasis, and modulation and DC currents without the need for external components. The MAX3948 is available in a 3mm x 3mm, 16-pin TQFN package, and is specified for the -40NC to +95NC extended temperature range.

Benefits and Features
♦ Lowest Power Consumption
   ◇ 168mW Typical IC Power Dissipation at 3.3V
        (LDMOD = 40mA, LDDC = 20mA)
   ◇ 383mW Total Transmitter Power Dissipation at
        3.3V Including LDMOD = 40mA, LDDC = 20mA
   ◇ Enables < 1W Maximum Total SFP+ Module
        Power Dissipation
   ◇ Enables < 2.5W Maximum Total QSFP+ Module
        Power Dissipation
♦ Saves Board Space
   ◇ Small 3mm x 3mm Package
   ◇ DC-Coupling to the Laser Reduces External
        Component Count
♦ Flexibility
   ◇ Operate Up to Four MAX3948 ICs Over Single
        3-Wire Digital Interface
   ◇ Programmable Modulation Current Up to
        85mA (5ω Load)
   ◇ Programmable DC Current Up to 61mA
        (Translates to Up to 100mA Laser Bias Current)
   ◇ Programmable Input Equalization and Output
        Deemphasis
♦ Safety
   ◇ Supports SFF-8431 SFP+ MSA and SFF-8472
        Digital Diagnostic
   ◇ Integrated Eye Safety Features with Maskable
        Faults
   ◇ DC Current Monitor
  
Applications
   40GBASE-LR4 QSFP+ Optical Transceivers
   10GBASE-LR SFP+ Optical Transceivers
   10GBASE-LRM SFP+ Optical Transceivers
   OC192-SR SFP+ SDH/SONET Transceivers




Similar Part No. - MAX3948

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3948ETE+ MAXIM-MAX3948ETE+ Datasheet
2Mb / 37P
11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
MAX3948 MAXIM-MAX3948_V01 Datasheet
2Mb / 37P
11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
More results


Similar Description - MAX3948

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3850 MAXIM-MAX3850 Datasheet
901Kb / 14P
2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
MAX3946 MAXIM-MAX3946 Datasheet
2Mb / 28P
1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
MAX3946 MAXIM-MAX3946_11 Datasheet
2Mb / 29P
1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 1; 5/11
logo
Micrel Semiconductor
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
11.3Gbps VCSEL DRIVER
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
11.3Gbps Laser Diode Driver
logo
TriQuint Semiconductor
TGA4195-SM TRIQUINT-TGA4195-SM_15 Datasheet
208Kb / 1P
11.3Gbps EML Driver
logo
Micrel Semiconductor
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
11.3Gbps Laser Diode Driver
logo
Qorvo, Inc
TGA4195-SM QORVO-TGA4195-SM Datasheet
208Kb / 1P
11.3Gbps EML Driver
logo
Maxim Integrated Produc...
MAX3949 MAXIM-MAX3949 Datasheet
2Mb / 38P
11.3Gbps, Low-Power, AC-Coupled Laser Driver
Rev 1; 4/14
MAX3948 MAXIM-MAX3948_V01 Datasheet
2Mb / 37P
11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com