Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6950FS Datasheet (PDF) - Rohm

BA6950FS Datasheet PDF - Rohm
Part # BA6950FS_10
Download  BA6950FS Download
File Size   272.46 Kbytes
Page   10 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Reversible Motor Drivers for 0.8A or less (1 Motor)

BA6950FS Datasheet (PDF)

Go To PDF Page Download Datasheet
BA6950FS Datasheet PDF - Rohm

Part # BA6950FS_10
Download  BA6950FS Click to download

File Size   272.46 Kbytes
Page   10 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Reversible Motor Drivers for 0.8A or less (1 Motor)

BA6950FS Datasheet (HTML) - Rohm




Similar Part No. - BA6950FS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6950FS ROHM-BA6950FS_1 Datasheet
308Kb / 5P
Reversible Motor Driver
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
0.5A or Less Reversible Motor Driver (Single Motor)
More results


Similar Description - BA6950FS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
Reversible Motor Drivers for Output 0.5A 1 Motor
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
2.0A or More Reversible Motor Drivers (Single Motor)
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
0.5A or Less Reversible Motor Driver (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
0.5A or Less Reversible Motor Drivers (Single Moter)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
2.0A or More Reversible Motor Drivers (Single Motor)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com