Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

558-1192 Datasheet (PDF) - CAMBION Electronic Components

558-1192 Datasheet PDF - CAMBION Electronic Components
Part # 558-1192
Download  558-1192 Download
File Size   147.46 Kbytes
Page   2 Pages
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components
Description Variable Coil, Shielded, Vertical, .080關H thru 1.20m?

558-1192 Datasheet (PDF)

Go To PDF Page Download Datasheet
558-1192 Datasheet PDF - CAMBION Electronic Components

Part # 558-1192
Download  558-1192 Click to download

File Size   147.46 Kbytes
Page   2 Pages
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components
Description Variable Coil, Shielded, Vertical, .080關H thru 1.20m?

558-1192 Datasheet (HTML) - CAMBION Electronic Components




Similar Part No. - 558-1192

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-1101-001F DIALIGHT-558-1101-001F Datasheet
135Kb / 2P
Low Current & High Efficiency Snap-in LED Panel Mount Indicators
558-1101-001F DIALIGHT-558-1101-001F Datasheet
145Kb / 2P
558 Series Snap-in LED - .156??Mounting Hole
558-1101-003F DIALIGHT-558-1101-003F Datasheet
135Kb / 2P
Low Current & High Efficiency Snap-in LED Panel Mount Indicators
558-1101-003F DIALIGHT-558-1101-003F Datasheet
145Kb / 2P
558 Series Snap-in LED - .156??Mounting Hole
558-1101-007F DIALIGHT-558-1101-007F Datasheet
135Kb / 2P
Low Current & High Efficiency Snap-in LED Panel Mount Indicators
More results


Similar Description - 558-1192

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
533-1187 CAMBION-533-1187 Datasheet
163Kb / 2P
Coil Form, Shielded, Vertical, .192 (4,88) Winding Diameter
533-1738 CAMBION-533-1738 Datasheet
148Kb / 2P
Coil Form, Shielded, Vertical, .136 (3,45) Winding Diameter
533-3651 CAMBION-533-3651 Datasheet
157Kb / 2P
Coil Form, Shielded, Vertical, .210 (5,33) Winding Diameter
533-3742 CAMBION-533-3742 Datasheet
163Kb / 2P
Coil Form, Shielded, Vertical, .190 (4,83) Winding Diameter
533-3743 CAMBION-533-3743 Datasheet
157Kb / 2P
Coil Form, Shielded, Vertical, .190 (4,83) Winding Diameter
556-7105 CAMBION-556-7105 Datasheet
170Kb / 4P
Variable Coil, Unshielded, Vertical, .090關H thru 1.05m?
556-7120 CAMBION-556-7120 Datasheet
169Kb / 3P
Variable Coil, Unshielded, Horizontal
558-3387 CAMBION-558-3387 Datasheet
146Kb / 3P
Variable Coil, Shielded, Vertical, 1.35關H thru 120m?
558-7106 CAMBION-558-7106 Datasheet
157Kb / 3P
Variable Coil, Shielded, Vertical, .09關H thru 12.0m?
558-7107 CAMBION-558-7107 Datasheet
160Kb / 3P
Variable Coil, Shielded, Vertical, .09關H thru 1.1m?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com