Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9014 Datasheet (PDF) - Wing Shing Computer Components

9014 Datasheet PDF - Wing Shing Computer Components
Part # 9014
Download  9014 Download
File Size   27.43 Kbytes
Page   1 Pages
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components
Description NPN SILICON TRANSISTOR

9014 Datasheet (PDF)

Go To PDF Page Download Datasheet
9014 Datasheet PDF - Wing Shing Computer Components

Part # 9014
Download  9014 Click to download

File Size   27.43 Kbytes
Page   1 Pages
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components
Description NPN SILICON TRANSISTOR

9014 Datasheet (HTML) - Wing Shing Computer Components


9014 Product details

FEATURES
   Power dissipation
      PCM : 0.4 W (Tamb=25°C)
   Collector current
      ICM : 0.1 A
   Collector-base voltage
      V(BR)CBO : 50 V




Similar Part No. - 9014

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
9014 DAYA-9014 Datasheet
698Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
9014 UTC-9014 Datasheet
107Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Nanjing International G...
9014 DGNJDZ-9014 Datasheet
103Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Fairchild Semiconductor
9014 FAIRCHILD-9014 Datasheet
181Kb / 16P
Fairchild QFET for Synchronous Rectification
logo
Foshan Blue Rocket Elec...
9014 FOSHAN-9014 Datasheet
1Mb / 6P
Silicon NPN transistor
More results


Similar Description - 9014

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com