Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD6230 Datasheet (PDF) - Rohm

BD6230 Datasheet PDF - Rohm
Part # BD6230_09
Download  BD6230 Download
File Size   389.87 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description H-bridge drivers (36V max.)

BD6230 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD6230 Datasheet PDF - Rohm

Part # BD6230_09
Download  BD6230 Click to download

File Size   389.87 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description H-bridge drivers (36V max.)

BD6230 Datasheet (HTML) - Rohm




Similar Part No. - BD6230_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6230F ROHM-BD6230F Datasheet
236Kb / 3P
H-bridge driver for DC brush motor
BD6230F ROHM-BD6230F Datasheet
662Kb / 25P
DC Brush Motor Drivers (36V max.)
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
662Kb / 25P
DC Brush Motor Drivers (36V max.)
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
More results


Similar Description - BD6230_09

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
DUAL H-BRIDGE MOTOR DRIVERS
logo
Rohm
BD6210 ROHM-BD6210_09 Datasheet
390Kb / 17P
H-bridge drivers (7V max.)
BD6220 ROHM-BD6220_09 Datasheet
431Kb / 17P
H-bridge drivers (18V max.)
BD6220 ROHM-BD6220_10 Datasheet
416Kb / 16P
18V max. H-bridge Drivers
BD623X-E ROHM-BD623X-E Datasheet
662Kb / 25P
DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
DC Brush Motor Drivers (36V max.)
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
Automotive 2ch 60V Max, H-bridge Drivers
logo
Analog Devices
MAX22213 AD-MAX22213 Datasheet
373Kb / 20P
36V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101603; Rev 0; 8/23
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com