Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF1500 Datasheet (PDF) - Microsemi Corporation

ARF1500 Datasheet PDF - Microsemi Corporation
Part # ARF1500
Download  ARF1500 Download
File Size   144.29 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE

ARF1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARF1500 Datasheet PDF - Microsemi Corporation

Part # ARF1500
Download  ARF1500 Click to download

File Size   144.29 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE

ARF1500 Datasheet (HTML) - Microsemi Corporation


ARF1500 Product details

The ARF1500 is an RF power transistor designed for very high power scientific, commercial, medical and industrial RF power generator and amplifier applications up to 40 MHz.



• Specified 125 Volt, 27.12 MHz Characteristics:

   Output Power = 750 Watts.

   Gain = 17dB (Class C)

   Efficiency > 75%

• High Performance Power RF Package.

• Very High Breakdown for Improved Ruggedness.

• Low Thermal Resistance.

• Nitride Passivated Die for Improved Reliability.

• RoHS Compliant



 




Similar Part No. - ARF1500

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF1500 ADPOW-ARF1500 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1500 ADPOW-ARF1500 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results


Similar Description - ARF1500

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF1500 ADPOW-ARF1500 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 ADPOW-ARF1501 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF442 ADPOW-ARF442 Datasheet
55Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF444 ADPOW-ARF444 Datasheet
64Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF475FL ADPOW-ARF475FL Datasheet
95Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1500 ADPOW-ARF1500 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF460A MICROSEMI-ARF460A Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 MICROSEMI-ARF1501 Datasheet
150Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1505 MICROSEMI-ARF1505 Datasheet
147Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF300 MICROSEMI-ARF300_10 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com