Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5501B Datasheet (PDF) - Microsemi Corporation

LX5501B Datasheet PDF - Microsemi Corporation
Part # LX5501B
Download  LX5501B Download
File Size   149.47 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGAP HBT Gain Block TM

LX5501B Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5501B Datasheet PDF - Microsemi Corporation

Part # LX5501B
Download  LX5501B Click to download

File Size   149.47 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGAP HBT Gain Block TM

LX5501B Datasheet (HTML) - Microsemi Corporation


LX5501B Product details

The LX5501B is a low cost, broadband RFIC amplifier that has been manufactured with an InGaP/GaAs Heterojunction Bipolar Transistor (HBT) process (MOCVD). Designed as an easily cascadable 50-ohm internally matched gain block, the LX5501B can be used for IF and RF amplification in wireless / wired voice and data communication products and broadband test equipment operating up to 6 GHz.

The amplifier is available in a plastic 5-lead SOT-23 package.



KEY FEATURES

Advanced InGaP HBT

DC to 6 GHz Operation

Single Supply

Low Idle Current (10 - 35 mA)

Small Signal Gain ~ 9 dB at 6 GHz

P1dB ~ 8 dBm at 6 GHz

SOT-23 Package



APPLICATIONS

PA driver for WLAN and Cordless Phones

VCO buffer

Low Current, High Gain

Cascaded Amplifiers




Similar Part No. - LX5501B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5501A MICROSEMI-LX5501A Datasheet
158Kb / 7P
InGAP HBT Gain Block
LX5501ASE MICROSEMI-LX5501ASE Datasheet
158Kb / 7P
InGAP HBT Gain Block
More results


Similar Description - LX5501B

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
InGaP HBT Gain Block
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
InGaP HBT Gain Block
ECG004 WJCI-ECG004 Datasheet
125Kb / 4P
InGaP HBT Gain Block
AG402-89-RFID WJCI-AG402-89-RFID Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG503-86-RFID WJCI-AG503-86-RFID Datasheet
486Kb / 6P
InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
InGaP HBT Gain Block
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com