Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5510B Datasheet (PDF) - Microsemi Corporation

LX5510B Datasheet PDF - Microsemi Corporation
Part # LX5510B
Download  LX5510B Download
File Size   232.49 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 2.4 - 2.5 GHz Power Amplifier

LX5510B Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5510B Datasheet PDF - Microsemi Corporation

Part # LX5510B
Download  LX5510B Click to download

File Size   232.49 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 2.4 - 2.5 GHz Power Amplifier

LX5510B Datasheet (HTML) - Microsemi Corporation


LX5510B Product details

DESCRIPTION
The LX5510B is a power amplifier optimized for WLAN applications in the 2.4-2.5 GHz frequency range. The PA is implemented as a two-stage monolithic microwave integrated circuit (MMIC) with active bias and input/output pre-matching.
The device is manufactured with an InGaP/GaAs Heterojunction Bipolar Transistor (HBT) IC process (MOCVD). With a single supply of 3.3 volts and a low quiescent current of 70mA the power gain is 19dB 2.4 – 2.5GHz.

KEY FEATURES
◾ Advanced InGaP HBT
◾ 2.4 – 2.5GHz Operation
◾ Single-Polarity 3.3V Supply
◾ Low Quiescent Current ICQ ~70mA
◾ Power Gain ~19dB @ 2.45GHz and Pout = 19dBm
◾ Total Current 135mA for Pout = 19dBm @ 2.45GHz OFDM
◾ EVM ~ 3.0% for 64QAM / 54Mbps and Pout = 19dBm
◾ Small Footprint (3 x 3 mm2)
◾ Low Profile (0.9mm)

APPLICATIONS
◾ IEEE 802.11b/g




Similar Part No. - LX5510B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510 Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5510-LQ MICROSEMI-LX5510-LQ Datasheet
626Kb / 7P
InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5510LQ MICROSEMI-LX5510LQ Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5510LQ-TR MICROSEMI-LX5510LQ-TR Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results


Similar Description - LX5510B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
InGaP HBT 2.4-2.5 GHz Power Amplifier
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B Datasheet
178Kb / 6P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E Datasheet
230Kb / 10P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5518 MICROSEMI-LX5518 Datasheet
114Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5516 MICROSEMI-LX5516 Datasheet
118Kb / 3P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier Module
LX5510 MICROSEMI-LX5510_05 Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com