Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8050 Datasheet (PDF) - Wing Shing Computer Components

SS8050 Datasheet PDF - Wing Shing Computer Components
Part # SS8050
Download  SS8050 Download
File Size   58.37 Kbytes
Page   1 Pages
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components
Description TRANSISTOR (NPN)

SS8050 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS8050 Datasheet PDF - Wing Shing Computer Components

Part # SS8050
Download  SS8050 Click to download

File Size   58.37 Kbytes
Page   1 Pages
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components
Description TRANSISTOR (NPN)

SS8050 Datasheet (HTML) - Wing Shing Computer Components


SS8050 Product details

FEATURES
● Power Dissipation
   PCM : 1 W (Tamb=25°C)
● Collector Current
   ICM : 1.5 A
● Collector - Base Voltage
   V(BR)CBO : 40V




Similar Part No. - SS8050

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Weitron Technology
SS8050 WEITRON-SS8050 Datasheet
223Kb / 4P
NPN General Purpose Transistors
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
43Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Galaxy Semi-Conductor H...
SS8050 BILIN-SS8050 Datasheet
194Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Daya Electric Group Co....
SS8050 DAYA-SS8050 Datasheet
620Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results


Similar Description - SS8050

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com