Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPS5817E3 Datasheet (PDF) - Microsemi Corporation

UPS5817E3 Datasheet PDF - Microsemi Corporation
Part # UPS5817E3
Download  UPS5817E3 Download
File Size   315.5 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description POWERMITE 1??SURFACE MOUNT 1 AMP 20 and 40 V SCHOTTKY RECTIFIERS

UPS5817E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPS5817E3 Datasheet PDF - Microsemi Corporation

Part # UPS5817E3
Download  UPS5817E3 Click to download

File Size   315.5 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description POWERMITE 1??SURFACE MOUNT 1 AMP 20 and 40 V SCHOTTKY RECTIFIERS

UPS5817E3 Datasheet (HTML) - Microsemi Corporation


UPS5817E3 Product details

DESCRIPTION
The UPS5817e3 and UPS5819e3 offer a small and powerful surface mount package that is RoHS compliant for a 1 Amp rated Schottky. These ratings are found only in much larger packages. They are ideal for surface mount applications that operate at high frequencies with their “hot carrier” features that provide extremely fast switching. The very low thermal resistance of the patented Powermite 1™ package design with a full metallic bottom and unique locking tab act as an efficient heat path to a heat sink mounting permitting cooler operating junction temperatures for minimal reverse leakage currents and lower power loss. It is also ideal for automatic insertion equipment.

FEATURES
• Low profile DO-216 package (<1.1 mm)
• RoHS compliant with e3 suffix part number
• Small footprint area of 8.45 mm2
• Plastic package has Underwriters Laboratory
   Flammability classification 94V-0
• Unique locking tab on bottom acts as integral efficient
   heat path to heat sink (mounting substrate)
• Metal to silicon rectifier, majority carrier conduction

APPLICATIONS / BENEFITS
• High current capability with low forward voltage
• Guard-ring-die construction for transient protection
• Silicon Schottky (hot carrier) rectifier for minimal trr
   and minimal reverse recovery voltage
• Elimination of reverse-recovery oscillations to
   reduce need for EMI filtering
• For use in high-frequency switching power supplies,
   inverters, free wheeling, charge pump circuits and
   polarity protection applications
• Lower forward power loss and high efficiency
• Low inductive parasitics (<2nH) for minimal Ldi/dt
   effects
• Robust package configuration for pick-and-place
   handling
• Full-metallic bottom eliminates flux entrapment
• Small foot print with 0.100 x 0.160 inches (see
   mounting pad details on last page)




Similar Part No. - UPS5817E3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPS5817 MCC-UPS5817 Datasheet
101Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
logo
Microsemi Corporation
UPS5817 MICROSEMI-UPS5817 Datasheet
554Kb / 3P
SURFACE MOUNT 1A SCHOTTKY RECTIFIERS
More results


Similar Description - UPS5817E3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPS120 MCC-UPS120 Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
UPS5817 MCC-UPS5817 Datasheet
101Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
logo
Solid States Devices, I...
SPD5817SM SSDI-SPD5817SM Datasheet
152Kb / 2P
1 AMP 20 - 40 VOLTS SCHOTTKY RECTIFIER
SPD5817 SSDI-SPD5817 Datasheet
177Kb / 2P
1 AMP 20-40 VOLTS SCHOTTKY RECTIFIER
logo
SeCoS Halbleitertechnol...
MSCD104 SECOS-MSCD104 Datasheet
283Kb / 2P
1 AMP Surface Mount Schottky B arrier Rectifiers
logo
Microsemi Corporation
UPS840E3 MICROSEMI-UPS840E3 Datasheet
119Kb / 3P
POWERMITE 3??SURFACE MOUNT 8 AMP 40 V SCHOTTKY RECTIFIER
logo
Central Semiconductor C...
CMSH1-20ML CENTRAL-CMSH1-20ML_10 Datasheet
348Kb / 2P
SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER 1 AMP, 20 AND 40 VOLTS
logo
Shenzhen Luguang Electr...
MB12S LUGUANG-MB12S Datasheet
524Kb / 2P
1 Amp Surface mount Schottky Bridge Rectifier 20 to 100 V
logo
SeCoS Halbleitertechnol...
SM160PT SECOS-SM160PT Datasheet
197Kb / 2P
60 V 1 Amp Surface Mount Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
B5817WS MCC-B5817WS_17 Datasheet
651Kb / 4P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com