Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16826 Datasheet (PDF) - Maxim Integrated Products

MAX16826 Datasheet PDF - Maxim Integrated Products
Part # MAX16826
Download  MAX16826 Download
File Size   246.74 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection

MAX16826 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16826 Datasheet PDF - Maxim Integrated Products

Part # MAX16826
Download  MAX16826 Click to download

File Size   246.74 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection

MAX16826 Datasheet (HTML) - Maxim Integrated Products


MAX16826 Product details

General Description
The MAX16826 high-brightness LED (HB LED) driver is designed for backlighting automotive LCD displays and other display applications such as industrial or desktop monitors and LCD televisions. The MAX16826 integrates a switching regulator controller, a 4-channel linear current sink driver, an analog-to-digital converter (ADC), and an I2C interface. The IC is designed to withstand automotive load dump transients up to 40V and can operate under cold crank conditions.
The MAX16826 contains a current-mode PWM switching regulator controller that regulates the output voltage to the LED array. The switching regulator section is configurable as a boost or SEPIC converter and its switching frequency is programmable from 100kHz to 1MHz.
The MAX16826 includes 4 channels of programmable, fault-protected, constant-current sink driver controllers that are able to drive all white, RGB, or RGB plus amber LED configurations. LED dimming control for each channel is implemented by direct PWM signals for each of the four linear current sinks. An internal ADC measures the drain voltage of the external driver transistors and the output of the switching regulator. These measurements are then made available through the I2C interface to an external microcontroller (μC) to enable output voltage optimization and fault monitoring of the LEDs.
The amplitude of the LED current in each linear current sink channel and the switch-mode regulator output voltage is programmed using the I2C interface. Additional features include: cycle-by-cycle current limit, shorted LED string protection, and overtemperature protection. The MAX16826 is available in a thermally enhanced, 5mm x 5mm, 32-pin thin QFN package and is specified over the automotive -40°C to +125°C temperature range.

Features
♦ External MOSFETs Allow Wide-Range LED
   Current with Multiple LEDs per String
♦ Individual PWM Dimming Inputs per String
♦ Very Wide Dimming Range
♦ LED String Short and Open Protection
♦ Adjustable LED Current Rise/Fall Times Improve EMI Control
♦ Microcontroller Interface Using I2C Allows
   LED Voltage Monitoring and Optimization
   Using a 7-Bit Internal ADC
   LED Short and Open Detection
   Dynamic Adjustment of LED String Currents
   and Output Voltage
   Standby Mode
♦ Integrated Boost/SEPIC Controller
♦ External Switching Frequency Synchronization
♦ 4.75V to 24V Operating Voltage Range and Withstands 40V Load Dump
♦ Overvoltage and Overtemperature Protection

Applications
   LCD Backlighting:
      Automotive Infotainment Displays
      Automotive Cluster Displays
      Industrial and Desktop Monitors
      LCD TVs
   Automotive Lighting:
      Adaptive Front Lighting
      Low- and High-Beam Assemblies




Similar Part No. - MAX16826

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16826 MAXIM-MAX16826 Datasheet
379Kb / 26P
Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826 Datasheet
238Kb / 26P
Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 4; 12/11
MAX16826ATJ+ MAXIM-MAX16826ATJ+ Datasheet
379Kb / 26P
Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826_10 Datasheet
379Kb / 26P
Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826_11 Datasheet
238Kb / 26P
Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 4; 12/11
More results


Similar Description - MAX16826

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6978 MAXIM-MAX6978 Datasheet
327Kb / 13P
8-Port, 5.5V Constant-Current LED Driver with LED Fault Detection and Watchdog
Rev 1; 3/05
MAX16826 MAXIM-MAX16826_10 Datasheet
379Kb / 26P
Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826_11 Datasheet
238Kb / 26P
Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 4; 12/11
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
Allegro MicroSystems
A2557 ALLEGRO-A2557_09 Datasheet
306Kb / 12P
Protected Quad Driver with Fault Detection and Sleep Mode
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
Protected Quad Driver with Fault Detection and Sleep Mode
logo
Maxim Integrated Produc...
MAX16826 MAXIM-MAX16826_15 Datasheet
250Kb / 26P
Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 6; 2/15
logo
Analog Devices
ADUM4137 AD-ADUM4137_V01 Datasheet
623Kb / 28P
High Voltage, Isolated IGBT Gate Driver with Fault Detection
Rev. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com