Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1692 Datasheet (PDF) - Microsemi Corporation

LX1692 Datasheet PDF - Microsemi Corporation
Part # LX1692
Download  LX1692 Download
File Size   315.76 Kbytes
Page   15 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TM Full Bridge Resonant CCFL Controller

LX1692 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX1692 Datasheet PDF - Microsemi Corporation

Part # LX1692
Download  LX1692 Click to download

File Size   315.76 Kbytes
Page   15 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TM Full Bridge Resonant CCFL Controller

LX1692 Datasheet (HTML) - Microsemi Corporation


LX1692 Product details

DESCRIPTION
Microsemi’s LX1692 is a cost reduced, third generation Direct Drive CCFL (Cold Cathode Fluorescent Lamp) controller. The integrated controller is optimized to drive CCFL’s using resonant full bridge inverter topology.
Resonant full bridge topology provides near sinusoidal waveforms over a wide supply voltage range in order to maximize the life of CCFL lamps, control EMI emissions, and maximize efficiency. This new archi tecture also provides a wide dimming range.
The LX1692 includes safety features that limit the transformer secondary voltage and protect against fault conditions which include open lamp, broken lamp and short-circuit faults.
The LX1692 regulates the CCFL brightness in three ways: analog dimming, digital dimming, or combined analog and digital dimming methods simultaneously to achieve the widest dimming range (> 60 to 1).
The LX1692 can accept a brightness control signal that is either an analog voltage or a direct low frequency PWM. The LX1692 also features integrated gate drivers for the four external power MOSFETs.
An integrated 4V LDO powers all internal control circuitry which greatly simplifies supply voltage requirements. The LX1692 is available in a 20-Pin TSSOP and SOIC.

KEY FEATURES
■ For Wide Voltage Range Inverter Application (7V to 22V)
■ Patent Resonant Strike for Unsurpassed Striking Power Combined with Best Efficiency
■ Low Stress to Transformers
■ Excellent Open Circuit Voltage
   Regulation Reduces Transformer
   Breakdown Voltage
   Requirements While Striking
   Higher Voltage Lamps
■ One Inverter for Multiple Panel Types
■ Wide Dimming Range
   Analog Dimming: >3 to 1
   Digital Dimming : >20 to 1
   Combined: >60 to 1
● Fool-Proof Striking
● Programmable Burst Dimming Frequency
● Programmable Time Out Protection
● Fixed Operating Frequency
● Open Lamp Voltage Protection, Short Lamp Protection, Arc Protection1

BENEFITS
■ Even Display Light Distribution
■ Longer Lamp Life with Optimized Lamp Current Amplitude
■ Reduced Operating Voltage Lowers Corona Discharge and Prolongs Module Life
■ High “Nits / Watt” Efficiency Makes Less Heat and Brighter Displays

APPLICATIONS
■ LCD TV
■ LCD Monitor




Similar Part No. - LX1692

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
Full Bridge Resonant CCFL Controller
LX1692AIPW MICROSEMI-LX1692AIPW Datasheet
98Kb / 2P
Full Bridge Resonant CCFL Controller
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
Full Bridge Resonant CCFL Controller
LX1692BIPW MICROSEMI-LX1692BIPW Datasheet
305Kb / 13P
Full Bridge Resonant CCFL Controller
More results


Similar Description - LX1692

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
Full Bridge Resonant CCFL Controller
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
Full Bridge CCFL Controller
logo
Microsemi Corporation
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
TM Full Bridge Resonant CCFL Controller
LX6503 MICROSEMI-LX6503 Datasheet
124Kb / 2P
TM HIGH PERFORMANCE CCFL CONTROLLER
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
Full Bridge Resonant CCFL Controller
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com