Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5620ID Datasheet (PDF) - Wolfson Microelectronics plc

WM5620ID Datasheet PDF - Wolfson Microelectronics plc
Part # WM5620ID
Download  WM5620ID Download
File Size   362.49 Kbytes
Page   14 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface

WM5620ID Datasheet (PDF)

Go To PDF Page Download Datasheet
WM5620ID Datasheet PDF - Wolfson Microelectronics plc

Part # WM5620ID
Download  WM5620ID Click to download

File Size   362.49 Kbytes
Page   14 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface

WM5620ID Datasheet (HTML) - Wolfson Microelectronics plc


WM5620ID Product details

Description
WM5620L and WM5620 are quad 8-bit digital to analogue converters (DAC) controlled via a serial interface. Each DACs output voltage range isprogrammable for either x1 or x 2 its reference input voltage, allowing near rail to rail operation for the x 2 output range. Separate high impedance buffered voltage reference inputs are provided for each DAC. WM5620L operates on a single supply voltage of 3 V while WM5620 operates on 5 V.

Features
• Four 8-bit voltage output DACs
• Three wire serial interface
• Programmable x1 or x 2 output range.
• Power-on-reset sets outputs to zero
• Buffered voltage reference inputs
• Simultaneous DAC output update
• 14 pin SO or DIP package

Applications
• Programmable d.c. voltage sources
• Digitally controlled attenuator/amplifier
• Signal synthesis
• Mobile communications
• Automatic test equipment
• Process control




Similar Part No. - WM5620ID

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5621L WOLFSON-WM5621L Datasheet
513Kb / 14P
Low-power Quadruple 8-Bit DAC
WM5621LED WOLFSON-WM5621LED Datasheet
513Kb / 14P
Low-power Quadruple 8-Bit DAC
WM5621LEN WOLFSON-WM5621LEN Datasheet
513Kb / 14P
Low-power Quadruple 8-Bit DAC
WM5628CDW WOLFSON-WM5628CDW Datasheet
370Kb / 15P
3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
WM5628CN WOLFSON-WM5628CN Datasheet
370Kb / 15P
3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
More results


Similar Description - WM5620ID

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
WM5628L WOLFSON-WM5628L Datasheet
370Kb / 15P
3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
logo
Maxim Integrated Produc...
MAX500 MAXIM-MAX500 Datasheet
127Kb / 12P
CMOS, Quad, Serial-Interface 8-Bit DAC
Rev 2; 2/96
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com