Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1.4KESD10AE3 Datasheet (PDF) - Microsemi Corporation

1.4KESD10AE3 Datasheet PDF - Microsemi Corporation
Part # 1.4KESD10AE3
Download  1.4KESD10AE3 Download
File Size   180.0 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description AXIAL-LEAD TVS

1.4KESD10AE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
1.4KESD10AE3 Datasheet PDF - Microsemi Corporation

Part # 1.4KESD10AE3
Download  1.4KESD10AE3 Click to download

File Size   180.0 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description AXIAL-LEAD TVS

1.4KESD10AE3 Datasheet (HTML) - Microsemi Corporation


1.4KESD10AE3 Product details

DESCRIPTION
These small axial-leaded TVS devices feature the ability to clamp dangerous high voltage short-term transients such as produced by directed or radiated electrostatic discharge phenomena before entering sensitive component regions of a circuit design. They are small economical transient voltage suppressors targeted primarily for short-term transients below a few microseconds while still achieving significant peak-pulse-power capability as illustrated in Figure #1.

FEATURES
• Excellent protection in clamping direct ESD level
   transients in excess of 15,000 V per MIL-STD-750,
   Method 1020 (approx. 150 ns exponential wave)
• Absorbs ESD level transients* of 1400 Watts per MIL
   STD-750, Method 1020 (approx. 150 ns exponential
   wave, or one microsecond transients up to 400 watts.
   See Figure #1 and #2 for overall transient Peak Pulse
   Power.
• Clamps Transients in less than 100 picoseconds
• Working Stand-off Voltage range of 5 V to 170 V
• Hermetic DO-35 Package. Also available in surface
   mount DO-213AA MELF package (see separate data
   sheet)
• RoHS Compliant devices available by adding “e3” suffix

APPLICATIONS / BENEFITS
• Protects Sensitive circuits from short duration fast
   rise time transients such as Electrostatic Discharge
   (ESD) or Electrical Fast Transients (EFT)
• Low inherent capacitance for high-frequency
   applications (See Figure #4)
• Flexible axial-lead mounting terminals
• Bidirectional features available by adding a “C” or
   “CA” suffix





Similar Description - 1.4KESD10AE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
14KESD170CA MICROSEMI-14KESD170CA Datasheet
195Kb / 4P
AXIAL-LEAD TVS
logo
Socay Electornics Co., ...
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
P4KE6.8 SOCAY-P4KE6.8 Datasheet
504Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
Axial Lead Transient Voltage Suppressors (TVS)
logo
DONGGUAN YOU FENG WEI E...
SAC5.0 YFWDIODE-SAC5.0 Datasheet
852Kb / 3P
Axial Lead Transient Voltage Suppressors (TVS)
logo
Socay Electornics Co., ...
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
20KPA SOCAY-20KPA Datasheet
1Mb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
30KPA SOCAY-30KPA Datasheet
1Mb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com