Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6661 Datasheet (PDF) - Microsemi Corporation

1N6661 Datasheet PDF - Microsemi Corporation
Part # 1N6661
Download  1N6661 Download
File Size   128.74 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS

1N6661 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6661 Datasheet PDF - Microsemi Corporation

Part # 1N6661
Download  1N6661 Click to download

File Size   128.74 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS

1N6661 Datasheet (HTML) - Microsemi Corporation


1N6661 Product details

DESCRIPTION
This “standard recovery” rectifier diode is military qualified to MIL-PRF-19500/587 and is ideal for high-reliability applications where a failure cannot be tolerated. These industry-recognized 500 mA rated rectifiers for working peak reverse voltages from 225 to 600 volts are hermetically sealed with void-less-glass construction using an internal “Category I” metallurgical bond. The surface mount MELF package configurations are also available by adding a “US” suffix (see separate data sheet for 1N6661US thru 1N6663US). Microsemi also offers numerous other rectifier products to meet higher and lower current ratings with various recovery time speed requirements including fast and ultrafast device types in both through-hole and surface mount packages.

FEATURES
• Popular JEDEC registered 1N6661 thru 1N6663 series
• Voidless hermetically sealed glass package
• Triple-Layer Passivation
• Internal “Category I” Metallurgical bonds
• Working Peak Reverse Voltage 225 to 600 Volts.
• JAN, JANTX, and JANTXV available per MIL-PRF-19500/587
• Surface mount equivalents also available in a square
   end-cap MELF configuration with “US” suffix (also see
   1N6661US thru 1N6663US)

APPLICATIONS / BENEFITS
• Standard recovery 0.5 Amp rectifiers 225 to 600 V
• Military and other high-reliability applications
• General rectifier applications including bridges,
   half-bridges, catch diodes, etc.
• Forward surge current capability
• Extremely robust construction
• Low thermal resistance in small DO-35 package
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N6661

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6661US MICROSEMI-1N6661US Datasheet
133Kb / 2P
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
More results


Similar Description - 1N6661

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5614 MICROSEMI-1N5614_07 Datasheet
208Kb / 3P
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5614US MICROSEMI-1N5614US Datasheet
158Kb / 3P
VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT STANDARD RECOVERY GLASS RECTIFIERS
1N6661US MICROSEMI-1N6661US Datasheet
133Kb / 2P
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N5807 MICROSEMI-1N5807_10 Datasheet
132Kb / 7P
VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
JANTX1N5618US MICROSEMI-JANTX1N5618US Datasheet
155Kb / 3P
VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT STANDARD RECOVERY GLASS RECTIFIERS
JAN1N5554 MICROSEMI-JAN1N5554 Datasheet
212Kb / 6P
VOIDLESS HERMETICALLY SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com