Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4982 Datasheet (PDF) - Allegro MicroSystems

A4982 Datasheet PDF - Allegro MicroSystems
Part # A4982
Download  A4982 Download
File Size   530.92 Kbytes
Page   19 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DMOS Microstepping Driver with Translator and Overcurrent Protection

A4982 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4982 Datasheet PDF - Allegro MicroSystems

Part # A4982
Download  A4982 Click to download

File Size   530.92 Kbytes
Page   19 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DMOS Microstepping Driver with Translator and Overcurrent Protection

A4982 Datasheet (HTML) - Allegro MicroSystems


A4982 Product details

Description

The A4982 is a complete microstepping motor driver with built-in translator for easy operation. It is designed to operate bipolar stepper motors in full-, half-, quarter-, and sixteenth-step modes, with an output drive capacity of up to 35 V and ±2 A. The A4982 includes a fixed off-time current regulator which has the ability to operate in Slow or Mixed decay modes.

The ET package meets customer requirements for no smoke no fire (NSNF) designs by adding no-connect pins between critical output, sense, and supply pins. So, in the case of a pin-to-adjacent-pin short, the device does not cause smoke or fire. Additionally, the device does not cause smoke or fire when any pin is shorted to ground or left open.



Features and Benefits

▪ Low R

DS(ON) outputs

▪ Automatic current decay mode detection/selection

▪ Mixed and Slow current decay modes

▪ Synchronous rectification for low power dissipation

▪ Internal UVLO

▪ Crossover-current protection

▪ 3.3 and 5 V compatible logic supply

▪ Thin profile QFN and TSSOP packages

▪ Thermal shutdown circuitry

▪ Short-to-ground protection

▪ Shorted load protection

▪ Low current Sleep mode, < 10 μA

▪ No smoke no fire (NSNF) compliance (ET package)



 




Similar Part No. - A4982

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982 ALLEGRO-A4982 Datasheet
480Kb / 20P
DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982SET-T ALLEGRO-A4982SET-T Datasheet
1Mb / 39P
BIPOLAR STEPPING MOTOR DRIVER IC
A4982SLP-T ALLEGRO-A4982SLP-T Datasheet
1Mb / 39P
BIPOLAR STEPPING MOTOR DRIVER IC
A4982_V4 ALLEGRO-A4982_V4 Datasheet
480Kb / 20P
DMOS Microstepping Driver with Translator And Overcurrent Protection
More results


Similar Description - A4982

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
DMOS Microstepping Driver with Translator
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
DMOS Microstepping Driver with Translator
A4984 ALLEGRO-A4984 Datasheet
425Kb / 21P
DMOS Microstepping Driver with Translator and Overcurrent Protection
A4985 ALLEGRO-A4985 Datasheet
424Kb / 21P
DMOS Microstepping Driver with Translator and Overcurrent Protection
A4988 ALLEGRO-A4988 Datasheet
377Kb / 19P
DMOS Microstepping Driver with Translator and Overcurrent Protection
A4984 ALLEGRO-A4984_12 Datasheet
451Kb / 22P
DMOS Microstepping Driver with Translator And Overcurrent Protection
A4985 ALLEGRO-A4985_12 Datasheet
449Kb / 22P
DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982_V4 ALLEGRO-A4982_V4 Datasheet
480Kb / 20P
DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
DMOS Microstepping Driver with Translator And Overcurrent Protection
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
DMOS Microstepping Driver with Translator
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com