Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH8K2 Datasheet (PDF) - Rohm

SH8K2 Datasheet PDF - Rohm
Part # SH8K2
Download  SH8K2 Download
File Size   175.41 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4V Drive NchNch MOSFET

SH8K2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH8K2 Datasheet PDF - Rohm

Part # SH8K2
Download  SH8K2 Click to download

File Size   175.41 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4V Drive NchNch MOSFET

SH8K2 Datasheet (HTML) - Rohm




Similar Part No. - SH8K2

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K22 ROHM-SH8K22 Datasheet
214Kb / 5P
4V Drive NchNch MOSFET
logo
VBsemi Electronics Co.,...
SH8K22TB VBSEMI-SH8K22TB Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Rohm
SH8K25 ROHM-SH8K25 Datasheet
1Mb / 14P
40V NchNch Power MOSFET
20190527 - Rev.004
logo
SHENZHEN DOINGTER SEMIC...
SH8K26 DOINGTER-SH8K26 Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
More results


Similar Description - SH8K2

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
4V Drive NchNch MOSFET
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
4V Drive NchNch MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com