Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP10 Datasheet (PDF) - Won-Top Electronics

5KP10 Datasheet PDF - Won-Top Electronics
Part # 5KP10
Download  5KP10 Download
File Size   58.52 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 5000W TRANSIENT VOLTAGE SUPPRESSORS

5KP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP10 Datasheet PDF - Won-Top Electronics

Part # 5KP10
Download  5KP10 Click to download

File Size   58.52 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 5000W TRANSIENT VOLTAGE SUPPRESSORS

5KP10 Datasheet (HTML) - Won-Top Electronics


5KP10 Product details

Features
● Glass Passivated Die Construction
● 5000W Peak Pulse Power Dissipation
● 5.0V – 110V Standoff Voltage
● Uni- and Bi-Directional Versions Available
● Excellent Clamping Capability
● Fast Response Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - 5KP10

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP10 SURGE-5KP10 Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP10 TRSYS-5KP10 Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
5KP10 RECTRON-5KP10 Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
5KP10 DCCOM-5KP10 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
5KP10 EIC-5KP10 Datasheet
28Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 5KP10

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
5000W Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
5KP5.0 YFWDIODE-5KP5.0 Datasheet
79Kb / 4P
5000W Transient Voltage Suppressors
logo
Zibo Seno Electronic En...
5KP ZSELEC-5KP Datasheet
231Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytesonic Electronics C...
5.0SMDJ BYTESONIC-5.0SMDJ Datasheet
848Kb / 4P
5000W Surface Mount Transient Voltage Suppressors
Version 1.2 2019/07/26
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
5000W Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
5.0SMDJ12A HUAXINAN-5.0SMDJ12A Datasheet
468Kb / 5P
5000W Transient Voltage Suppressors
5KP5.0A HUAXINAN-5KP5.0A_V01 Datasheet
365Kb / 5P
5000W Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com