Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC0408A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0408A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0408A
Download  TC0408A Download
File Size   184.91 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 315 MHz TO-39

TC0408A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0408A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0408A
Download  TC0408A Click to download

File Size   184.91 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 315 MHz TO-39

TC0408A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0408A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0402A TAI-SAW-TC0402A Datasheet
263Kb / 6P
SAW Resonator 915.5 MHz SMD 3.8X3.8 mm
TC0403A TAI-SAW-TC0403A Datasheet
264Kb / 6P
SAW Resonator 915.75 MHz SMD 3.8X3.8 mm
TC0404A TAI-SAW-TC0404A Datasheet
262Kb / 6P
SAW Resonator 916 MHz SMD 3.8X3.8 mm
TC0409A TAI-SAW-TC0409A Datasheet
184Kb / 4P
SAW Resonator 433.92 MHz TO-39
More results


Similar Description - TC0408A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0231A TAI-SAW-TC0231A Datasheet
225Kb / 3P
SAW Resonator 315.15 MHz TO-39
TD0102A TAI-SAW-TD0102A Datasheet
234Kb / 3P
SAW Resonator 433.92 MHz TO-39
TC0409A TAI-SAW-TC0409A Datasheet
184Kb / 4P
SAW Resonator 433.92 MHz TO-39
TC0418A TAI-SAW-TC0418A Datasheet
181Kb / 3P
SAW Resonator 316 MHz TO-39
TC433E2-A TAI-SAW-TC433E2-A Datasheet
230Kb / 3P
SAW Resonator 433.920 MHz TO-39
TC433E2B TAI-SAW-TC433E2B Datasheet
228Kb / 3P
SAW Resonator 433.920 MHz TO-39
TC0202A TAI-SAW-TC0202A Datasheet
214Kb / 3P
SAW Resonator 315 MHz
TC0437A TAI-SAW-TC0437A Datasheet
293Kb / 6P
SAW Resonator 315 MHz
TC0274B TAI-SAW-TC0274B Datasheet
340Kb / 5P
SAW Resonator 315 MHz
TC0274E TAI-SAW-TC0274E Datasheet
185Kb / 5P
SAW Resonator 315 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com