Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX0315A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TX0315A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TX0315A
Download  TX0315A Download
File Size   342.82 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description VCTCXO SMD 3.2x2.5 26.000MHz

TX0315A Datasheet (PDF)

Go To PDF Page Download Datasheet
TX0315A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0315A
Download  TX0315A Click to download

File Size   342.82 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description VCTCXO SMD 3.2x2.5 26.000MHz

TX0315A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TX0315A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0315B TAI-SAW-TX0315B Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
More results


Similar Description - TX0315A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
SMD 5x3.2 13MHz VCTCXO
TX0130A TAI-SAW-TX0130A Datasheet
265Kb / 6P
SMD 3.2x2.5 13.0MHz VCTCXO
TX0131A TAI-SAW-TX0131A Datasheet
219Kb / 6P
SMD 3.2x2.5 19.2MHz VCTCXO
TX0161A TAI-SAW-TX0161A Datasheet
355Kb / 7P
VCTCXO SMD 3.2x2.5 26.000MHz
TX0225A TAI-SAW-TX0225A Datasheet
205Kb / 6P
SMD 3.2x2.5 40.0MHz VCTCXO
TX0351A TAI-SAW-TX0351A Datasheet
346Kb / 7P
VCTCXO SMD 3.2x2.5 13.57285156MHz
TX0370B TAI-SAW-TX0370B Datasheet
182Kb / 7P
VCTCXO SMD 3.2x2.5 50.0MHz
REV. NO.: 1.0
TX0441A TAI-SAW-TX0441A Datasheet
128Kb / 7P
3.2x2.5 19.2MHz VCTCXO
REV. NO.: 3.0
TX0530AA13BH TAI-SAW-TX0530AA13BH Datasheet
189Kb / 9P
VCTCXO SMD 3.2x2.5 24.576MHz
REV. NO.: 1.0
TX0554A TAI-SAW-TX0554A Datasheet
238Kb / 7P
TCXO SMD 3.2x2.5 26.000MHz
REV. NO.: 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com