Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TY0129A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TY0129A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TY0129A
Download  TY0129A Download
File Size   227.2 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 5x7 21.4MHz Crystal Filter

TY0129A Datasheet (PDF)

Go To PDF Page Download Datasheet
TY0129A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TY0129A
Download  TY0129A Click to download

File Size   227.2 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 5x7 21.4MHz Crystal Filter

TY0129A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TY0129A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TY0122A TAI-SAW-TY0122A Datasheet
244Kb / 5P
SMD 5x7 45MHz Crystal Filter
TY0128A TAI-SAW-TY0128A Datasheet
377Kb / 6P
Crystal Filter SMD 7x7 73.35MHz
More results


Similar Description - TY0129A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TY0122A TAI-SAW-TY0122A Datasheet
244Kb / 5P
SMD 5x7 45MHz Crystal Filter
TY0131A TAI-SAW-TY0131A Datasheet
244Kb / 6P
SMD 5x7 21.4MHz Crystal Filter
TY0132A TAI-SAW-TY0132A Datasheet
238Kb / 5P
SMD 5x7 45.15MHz Crystal Filter
TY0133A TAI-SAW-TY0133A Datasheet
192Kb / 5P
SMD 5x7 45MHz Crystal Filter
TY0135A TAI-SAW-TY0135A Datasheet
236Kb / 5P
SMD 5x7 21.4MHz Crystal Filter
TY0136A TAI-SAW-TY0136A Datasheet
236Kb / 5P
SMD 5x7 21.7MHz Crystal Filter
TY0137A TAI-SAW-TY0137A Datasheet
236Kb / 5P
SMD 5x7 21.4MHz Crystal Filter
TY0138A TAI-SAW-TY0138A Datasheet
236Kb / 5P
SMD 5x7 45.01098MHz Crystal Filter
TY0143A TAI-SAW-TY0143A Datasheet
202Kb / 5P
SMD 5x7 90MHz Crystal Filter
TY0151A TAI-SAW-TY0151A Datasheet
206Kb / 5P
SMD 5x7 21.4MHz Crystal Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com