Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD306S Datasheet (PDF) - Won-Top Electronics

DD306S Datasheet PDF - Won-Top Electronics
Part # DD306S
Download  DD306S Download
File Size   23.67 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A 8.4mm/9.5mm DISH DIODE

DD306S Datasheet (PDF)

Go To PDF Page Download Datasheet
DD306S Datasheet PDF - Won-Top Electronics

Part # DD306S
Download  DD306S Click to download

File Size   23.67 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A 8.4mm/9.5mm DISH DIODE

DD306S Datasheet (HTML) - Won-Top Electronics


DD306S Product details

30A 8.4mm/9.5mm DISH DIODE



Features

! Glass Passivated Die Construction

! Low Leakage

! Low Cost

! High Surge Current Capability

! Low Forward

! C-Band Terminal Construction




Similar Part No. - DD306S

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
DD30 REICU-DD30 Datasheet
302Kb / 1P
DC/DC CONVERTER
REV:15.1
DD30-110D05 REICU-DD30-110D05 Datasheet
302Kb / 1P
DC/DC CONVERTER
REV:15.1
DD30-110D12 REICU-DD30-110D12 Datasheet
302Kb / 1P
DC/DC CONVERTER
REV:15.1
DD30-110S05 REICU-DD30-110S05 Datasheet
302Kb / 1P
DC/DC CONVERTER
REV:15.1
DD30-110S12 REICU-DD30-110S12 Datasheet
302Kb / 1P
DC/DC CONVERTER
REV:15.1
More results


Similar Description - DD306S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DD200 WTE-DD200 Datasheet
23Kb / 2P
20A 8.4mm/9.5mm DISH DIODE
DD500 WTE-DD500 Datasheet
23Kb / 2P
50A 8.4mm/9.5mm DISH DIODE
logo
Gilway Technical Lamp
H9971 GILWAY-H9971 Datasheet
59Kb / 1P
9.5mm Base Lampholders
logo
DIOTEC Electronics Corp...
TVS3527D DEC-TVS3527D Datasheet
176Kb / 1P
35 AMP OVERVOLTAGE TRANSIENT DISH DIODE
logo
DB Lectro Inc
B06 DBLECTRO-B06 Datasheet
230Kb / 1P
FEMALE HEADER PROFILE : 8.4mm STRAIGHT
logo
Won-Top Electronics
DD350 WTE-DD350 Datasheet
29Kb / 2P
35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
logo
MIC GROUP RECTIFIERS
DR251 MIC-DR251 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR351 MIC-DR351 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DR351 PFS-DR351 Datasheet
159Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Won-Top Electronics
DD350 WTE-DD350_14 Datasheet
32Kb / 2P
35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com