Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC124TM Datasheet (PDF) - Rohm

DTC124TM Datasheet PDF - Rohm
Part # DTC124TM
Download  DTC124TM Download
File Size   144.95 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 100mA / 50V Digital transistors (with built-in resistor)

DTC124TM Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC124TM Datasheet PDF - Rohm

Part # DTC124TM
Download  DTC124TM Click to download

File Size   144.95 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 100mA / 50V Digital transistors (with built-in resistor)

DTC124TM Datasheet (HTML) - Rohm




Similar Part No. - DTC124TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124TM ROHM-DTC124TM Datasheet
53Kb / 4P
Digital transistors (built-in resistor)
DTC124TM ROHM-DTC124TM Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
More results


Similar Description - DTC124TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144TE ROHM-DTA144TE_09 Datasheet
144Kb / 3P
-100mA / -50V Digital transistors (with built-in resistor)
DTC114GUA ROHM-DTC114GUA_09 Datasheet
140Kb / 3P
100mA / 50V Digital transistors (with built-in resistor)
DTC125TUA ROHM-DTC125TUA_09 Datasheet
141Kb / 3P
100mA / 50V Digital transistor (with built-in resistor)
DTC144TE ROHM-DTC144TE_09 Datasheet
145Kb / 3P
100mA / 50V Digital transistors (with built-in resistor)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143ZEBTL ROHM-DTC143ZEBTL Datasheet
566Kb / 11P
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114GUA ROHM-DTA114GUA_09 Datasheet
93Kb / 3P
-100mA / -50V Digital transistors (with built-in resistor)
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
566Kb / 11P
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
567Kb / 11P
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com