Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2A Datasheet (PDF) - Won-Top Electronics

ER2A Datasheet PDF - Won-Top Electronics
Part # ER2A
Download  ER2A Download
File Size   51.37 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT SUPER FAST RECTIFIER

ER2A Datasheet (PDF)

Go To PDF Page Download Datasheet
ER2A Datasheet PDF - Won-Top Electronics

Part # ER2A
Download  ER2A Click to download

File Size   51.37 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT SUPER FAST RECTIFIER

ER2A Datasheet (HTML) - Won-Top Electronics


ER2A Product details

Features
● Glass Passivated Die Construction
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Surge Overload Rating to 50A Peak
● Low Power Loss
● Super-Fast Recovery Time
● Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - ER2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A Datasheet
64Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
ER2A SURGE-ER2A Datasheet
84Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 2.0 Amperes
logo
Transys Electronics
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Dc Components
ER2A DCCOM-ER2A Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
ER2A MCC-ER2A Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Similar Description - ER2A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
ES2G DIODES-ES2G Datasheet
57Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. A-2
ES2A_ DIODES-ES2A_ Datasheet
501Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 10 - 2
ES2G DIODES-ES2G_1 Datasheet
193Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. 6 - 2
ES2A DIODES-ES2A_10 Datasheet
120Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 12 - 2
ES2G DIODES-ES2G_10 Datasheet
123Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 8 - 2 September 2010
ES2AA DIODES-ES2AA_10 Datasheet
120Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 12
ES2B-13-F DIODES-ES2B-13-F Datasheet
120Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 12
ES2G DIODES-ES2G_15 Datasheet
123Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev erse
SF2DDF DIODES-SF2DDF Datasheet
638Kb / 5P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
January 2019 Rev. 6 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com