Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX85C2V7 Datasheet (PDF) - Rectron Semiconductor

BZX85C2V7 Datasheet PDF - Rectron Semiconductor
Part # BZX85C2V7
Download  BZX85C2V7 Download
File Size   88.32 Kbytes
Page   2 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 1.3W DO-41 Zener Diode

BZX85C2V7 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX85C2V7 Datasheet PDF - Rectron Semiconductor

Part # BZX85C2V7
Download  BZX85C2V7 Click to download

File Size   88.32 Kbytes
Page   2 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 1.3W DO-41 Zener Diode

BZX85C2V7 Datasheet (HTML) - Rectron Semiconductor




Similar Part No. - BZX85C2V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C2V7 VISHAY-BZX85C2V7 Datasheet
58Kb / 5P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
EIC discrete Semiconduc...
BZX85C2V7 EIC-BZX85C2V7 Datasheet
18Kb / 2P
SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C2V7 GOOD-ARK-BZX85C2V7 Datasheet
129Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX85C2V7 TSC-BZX85C2V7 Datasheet
150Kb / 5P
Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
logo
Vishay Siliconix
BZX85C2V7 VISHAY-BZX85C2V7 Datasheet
158Kb / 7P
Zener Diodes
31-May-07
More results


Similar Description - BZX85C2V7

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A Datasheet
19Kb / 2P
1W 5% DO-41 ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G Datasheet
157Kb / 2P
1W DO-41 Zener Voltage Regulators
logo
Diotech Company.
BZX85C3V3 DIOTECH-BZX85C3V3 Datasheet
1Mb / 3P
1.3W EPITAXIAL ZENER DIODE
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_11 Datasheet
764Kb / 3P
1.3W,5% Tolerance Zener Diode
logo
New Jersey Semi-Conduct...
1N4291 NJSEMI-1N4291 Datasheet
151Kb / 1P
DO-41
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
DO-41
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G_14 Datasheet
111Kb / 5P
1W DO-41 Zener Volatge Regulators
logo
Jiangsu High diode Semi...
1N4001 HDSEMI-1N4001 Datasheet
1Mb / 4P
DO - 41 Plastic-Encapsulate Diode
P4KE HDSEMI-P4KE Datasheet
1Mb / 7P
DO-41 Plastic-Encapsulate Diode
BA157 HDSEMI-BA157 Datasheet
1Mb / 4P
DO - 41 Plastic-Encapsulate Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com