Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1A Datasheet (PDF) - Won-Top Electronics

RS1A Datasheet PDF - Won-Top Electronics
Part # RS1A
Download  RS1A Download
File Size   49.96 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER

RS1A Datasheet (PDF)

Go To PDF Page Download Datasheet
RS1A Datasheet PDF - Won-Top Electronics

Part # RS1A
Download  RS1A Click to download

File Size   49.96 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER

RS1A Datasheet (HTML) - Won-Top Electronics


RS1A Product details

Features
● Glass Passivated Die Construction
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Surge Overload Rating to 30A Peak
● Low Power Loss
● Fast Recovery Time
● Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - RS1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A Datasheet
60Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
RS1A PHILIPS-RS1A Datasheet
60Kb / 12P
SMA fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
RS1A SURGE-RS1A Datasheet
78Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
RS1A TRSYS-RS1A Datasheet
172Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Sanken electric
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
More results


Similar Description - RS1A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
1.0A Surface Mount Fast Recovery Rectifier
logo
Daya Electric Group Co....
RS1A DAYA-RS1A Datasheet
52Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1GB-13 DIODES-RS1GB-13 Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1K-13-F DIODES-RS1K-13-F Datasheet
187Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 14
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 3
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev erse
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com