Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SMA4741 Datasheet (PDF) - Silicon Standard Corp.

1SMA4741 Datasheet PDF - Silicon Standard Corp.
Part # 1SMA4741
Download  1SMA4741 Download
File Size   203.34 Kbytes
Page   4 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description SURFACE MOUNT SILICON ZENDER DIODE

1SMA4741 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMA4741 Datasheet PDF - Silicon Standard Corp.

Part # 1SMA4741
Download  1SMA4741 Click to download

File Size   203.34 Kbytes
Page   4 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description SURFACE MOUNT SILICON ZENDER DIODE

1SMA4741 Datasheet (HTML) - Silicon Standard Corp.


1SMA4741 Product details

PRODUCT SUMMARY
    1.0 Watts Surface Mount

FEATURES
    For surface mounted applications in order to optimize board space
    Low profile package
    Built-in strain relief
    Glass passivated junction
    Low inductance
    Typical IR less than 5.0uA above 11V
    High temperature soldering guaranteed: 260°C / 10 seconds at terminals
    Plastic package has Underwriters Laboratory Flammability Classification 94V-0




Similar Part No. - 1SMA4741

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741 Datasheet
166Kb / 5P
Surface Mount Silicon Zener Diode
logo
Continental Device Indi...
1SMA4741 CDIL-1SMA4741 Datasheet
230Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741 Datasheet
339Kb / 4P
1.0 Watts Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMA4741 PANJIT-1SMA4741 Datasheet
361Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
More results


Similar Description - 1SMA4741

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMB2EZ11 TRSYS-1SMB2EZ11 Datasheet
366Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
STMicroelectronics
PL100Z STMICROELECTRONICS-PL100Z Datasheet
199Kb / 3P
ZENDER DIODES DIODES ZENDER
logo
Microsemi Corporation
1N4728AUR MICROSEMI-1N4728AUR Datasheet
365Kb / 3P
SURFACE MOUNT 1.0W GLASS ZENDER DIODE
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741 Datasheet
166Kb / 5P
Surface Mount Silicon Zener Diode
logo
Central Semiconductor C...
CMASH-4 CENTRAL-CMASH-4_10 Datasheet
346Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CTLZ6V8 CENTRAL-CTLZ6V8 Datasheet
501Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
BZT52 UTC-BZT52 Datasheet
104Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOSH-3 CENTRAL-CMOSH-3_12 Datasheet
493Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH01-30L CENTRAL-CFSH01-30L_15 Datasheet
837Kb / 4P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH-4 CENTRAL-CFSH-4_15 Datasheet
507Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com