Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet (PDF) - Silicon Standard Corp.

MBR3045CT Datasheet PDF - Silicon Standard Corp.
Part # MBR3045CT
Download  MBR3045CT Download
File Size   285.63 Kbytes
Page   5 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Dual Schottky Barrier Rectifiers

MBR3045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR3045CT Datasheet PDF - Silicon Standard Corp.

Part # MBR3045CT
Download  MBR3045CT Click to download

File Size   285.63 Kbytes
Page   5 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Dual Schottky Barrier Rectifiers

MBR3045CT Datasheet (HTML) - Silicon Standard Corp.


MBR3045CT Product details

Dual Schottky Barrier Rectifiers



FEATURES

  Reverse voltage 35 to 45 V

  Forward current 3.0 A

  Plastic package has Underwriters Laboratory Flammability Classification 94V-0

  Dual rectifier construction, positive center tap

„  Metal silicon junction, majority carrier conduction

  Low power loss, high efficiency

  Guard ring for over voltage protection

  For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications




Similar Part No. - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3045CT MCC-MBR3045CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Microsemi Corporation
MBR3045CT MICROSEMI-MBR3045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR3045CT VISHAY-MBR3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
List of Unclassifed Man...
MBR3045CT ETC1-MBR3045CT Datasheet
88Kb / 2P
High Tjm Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
MBR3045CT TSC-MBR3045CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBRF1635CT ETC-MBRF1635CT Datasheet
58Kb / 2P
Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT Datasheet
50Kb / 3P
Dual Schottky Barrier Rectifiers
14-Jul-04
logo
GOOD-ARK Electronics
MBR20XXCT GOOD-ARK-MBR20XXCT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
MBR25XXCT GOOD-ARK-MBR25XXCT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
SBL2030PT EIC-SBL2030PT Datasheet
98Kb / 2P
DUAL SCHOTTKY BARRIER RECTIFIERS
FST10180 EIC-FST10180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST20180 EIC-FST20180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST31120 EIC-FST31120 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST31180 EIC-FST31180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
MAC321 NJSEMI-MAC321 Datasheet
117Kb / 3P
Dual Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com