Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2035CT Datasheet (PDF) - Silicon Standard Corp.

MBRB2035CT Datasheet PDF - Silicon Standard Corp.
Part # MBRB2035CT
Download  MBRB2035CT Download
File Size   570.15 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 20A Dual Schottky Rectifiers

MBRB2035CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB2035CT Datasheet PDF - Silicon Standard Corp.

Part # MBRB2035CT
Download  MBRB2035CT Click to download

File Size   570.15 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 20A Dual Schottky Rectifiers

MBRB2035CT Datasheet (HTML) - Silicon Standard Corp.


MBRB2035CT Product details

PRODUCT SUMMARY
Voltage ratings available from 35 to 60 Volts

FEATURES
• Plastic packages have Underwriters Laboratory Flammability Classification 94V-0
• Dual rectifier construction, positive center tap
• Metal-silicon junction, majority carrier conduction
• Low power loss, high efficiency
• Guardring for overvoltage protection
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications




Similar Part No. - MBRB2035CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB2035CT GE-MBRB2035CT Datasheet
98Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB2035CT MCC-MBRB2035CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRB2035CT GOOD-ARK-MBRB2035CT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB2035CT VISHAY-MBRB2035CT Datasheet
512Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBRB2035CT VISHAY-MBRB2035CT Datasheet
132Kb / 6P
Schottky Rectifier, 2 x 10 A
21-Aug-08
More results


Similar Description - MBRB2035CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SRF20-03CT FRONTIER-SRF20-03CT Datasheet
125Kb / 2P
20A DUAL SCHOTTKY BARRIER RECTIFIERS
SRF20-03CT-LFR FRONTIER-SRF20-03CT-LFR Datasheet
126Kb / 2P
20A DUAL SCHOTTKY BARRIER RECTIFIERS
logo
Digitron Semiconductors
MBR2060CT DIGITRON-MBR2060CT Datasheet
474Kb / 2P
20A SCHOTTKY RECTIFIERS
MBR2035CT DIGITRON-MBR2035CT Datasheet
1Mb / 4P
20A SCHOTTKY RECTIFIERS
MBR2015CTL DIGITRON-MBR2015CTL Datasheet
666Kb / 3P
20A SCHOTTKY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM20150D SECOS-SM20150D_15 Datasheet
242Kb / 2P
20A Schottky Barrier Rectifiers
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
20A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
20A Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com