Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ33 Datasheet (PDF) - Silicon Standard Corp.

SMAJ33 Datasheet PDF - Silicon Standard Corp.
Part # SMAJ33
Download  SMAJ33 Download
File Size   632.58 Kbytes
Page   4 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Transient Voltage Suppressors

SMAJ33 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ33 Datasheet PDF - Silicon Standard Corp.

Part # SMAJ33
Download  SMAJ33 Click to download

File Size   632.58 Kbytes
Page   4 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Transient Voltage Suppressors

SMAJ33 Datasheet (HTML) - Silicon Standard Corp.


SMAJ33 Product details

PRODUCT SUMMARY

  Stand-off Voltage ratings from 5.0V to 440V

  Peak pulse power 400W in SMA surface-mount package

 

FEATURES

• Plastic package has Underwriters Laboratory Flammability Classification 94V-0

• Optimized for LAN protection applications

• Ideal for ESD protection of data lines in accordance with IEC 1000-4-2 (IEC801-2)

• Ideal for EFT protection of data lines in accordance with IEC 1000-4-4 (IEC801-4)

• Low profile package with built-in strain relief for surface-mount

• Glass passivated junction

• Low incremental surge resistance, excellent clamping capability

• Peak pulse power capability of 400W with a 10/1000us waveform, repetition rate (duty cycle): 0.01% (300W above 78V)

• Very fast response time

• High temperature soldering guaranteed: 260°C for 10 seconds at terminals



 




Similar Part No. - SMAJ33

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ33 JGD-SMAJ33 Datasheet
313Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMAJ33 EIC-SMAJ33 Datasheet
28Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SMAJ33 ETC-SMAJ33 Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
SMAJ33 DAESAN-SMAJ33 Datasheet
369Kb / 4P
POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
logo
Taiwan Semiconductor Co...
SMAJ33 TSC-SMAJ33 Datasheet
85Kb / 5P
Surface Mount Transient Voltage Suppressor
More results


Similar Description - SMAJ33

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com