Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3504 Datasheet (PDF) - Won-Top Electronics

TC3504 Datasheet PDF - Won-Top Electronics
Part # TC3504
Download  TC3504 Download
File Size   23.12 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 35A 5/16 TIN CAN TYPE PRESS-FIT DIODE

TC3504 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3504 Datasheet PDF - Won-Top Electronics

Part # TC3504
Download  TC3504 Click to download

File Size   23.12 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 35A 5/16 TIN CAN TYPE PRESS-FIT DIODE

TC3504 Datasheet (HTML) - Won-Top Electronics


TC3504 Product details

Features
● Glass Passivated Die Construction
● Low Leakage
● Low Cost
● High Surge Current Capability
● Typical IR less than 10µA




Similar Part No. - TC3504

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
TC3504 WTE-TC3504 Datasheet
29Kb / 2P
35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3504 WTE-TC3504 Datasheet
32Kb / 2P
35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3504G WTE-TC3504G Datasheet
40Kb / 2P
35A GLASS PASSIVATED 5/16” TIN CAN PRESS-FIT DIODE
October, 2018
More results


Similar Description - TC3504

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD3500 WTE-BD3500 Datasheet
23Kb / 2P
35A BOSCH TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500 Datasheet
23Kb / 2P
25A 5/16 TIN CAN TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_06 Datasheet
30Kb / 2P
35A BOSCH TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500_06 Datasheet
29Kb / 2P
25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500_06 Datasheet
29Kb / 2P
35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
LD3500 WTE-LD3500_14 Datasheet
32Kb / 2P
35A LUCAS TYPE PRESS-FIT DIODE
MD3500 WTE-MD3500_14 Datasheet
32Kb / 2P
35A MOTOROLA TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500_14 Datasheet
32Kb / 2P
25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500_14 Datasheet
32Kb / 2P
35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3520 WTE-TC3520 Datasheet
31Kb / 2P
35A GLASS PASSIVATED AVALANCHE 5/16 TIN CAN PRESS-FIT DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com