Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24001 Datasheet (PDF) - Xicor Inc.

X24001 Datasheet PDF - Xicor Inc.
Part # X24001
Download  X24001 Download
File Size   47.32 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Identi?줡ROM

X24001 Datasheet (PDF)

Go To PDF Page Download Datasheet
X24001 Datasheet PDF - Xicor Inc.

Part # X24001
Download  X24001 Click to download

File Size   47.32 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Identi?줡ROM

X24001 Datasheet (HTML) - Xicor Inc.


X24001 Product details

DESCRIPTION
The X24001 is a CMOS 128 bit serial E2PROM, internally organized as 16 x 8. The X24001 features a serial interface and software protocol allowing operation on a simple two wire bus.

FEATURES
• 2.7V to 5.5V Power Supply
• 128 Bit Serial E2PROM
• Low Power CMOS
    —Active Current Less Than 1mA
    —Standby Current Less Than 50µA
• Internally Organized 16 x 8
• 2 Wire Serial Interface
• High Voltage Programmable Only
    —VPGM, 12V to 15V
• Push/Pull Output
• High Reliability
    —Data Retention: 100 Years
• Available Packages
    —8-Lead MSOP
    —8-Lead PDIP
    —8-Lead SOIC




Similar Part No. - X24001

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24012 XICOR-X24012 Datasheet
59Kb / 14P
Serial E2PROM
logo
IC MICROSYSTEMS
X24012 ICMIC-X24012 Datasheet
271Kb / 14P
Serial E2PROM
X24012D ICMIC-X24012D Datasheet
271Kb / 14P
Serial E2PROM
X24012DG ICMIC-X24012DG Datasheet
271Kb / 14P
Serial E2PROM
X24012DP ICMIC-X24012DP Datasheet
271Kb / 14P
Serial E2PROM
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com