Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6612COTR Datasheet (PDF) - Silicon Standard Corp.

SS6612COTR Datasheet PDF - Silicon Standard Corp.
Part # SS6612COTR
Download  SS6612COTR Download
File Size   618.58 Kbytes
Page   16 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit

SS6612COTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SS6612COTR Datasheet PDF - Silicon Standard Corp.

Part # SS6612COTR
Download  SS6612COTR Click to download

File Size   618.58 Kbytes
Page   16 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit

SS6612COTR Datasheet (HTML) - Silicon Standard Corp.


SS6612COTR Product details

DESCRIPTION

The SS6612 is a high-efficiency step-up DC/DC converter, with a start-up voltage as low as 0.8V, and an operating voltage down to 0.7V. Consuming  only 20µA of quiescent current, this device includes a built-in synchronous rectifier that reduces size and cost by eliminating the need for an external Schottky diode, and improves  overall efficiency  by  minimizing losses.

The switching frequency  can  range  up  to 500KHz depending on the load and input volt age. The output voltage can be easily set; by two external resistors for1.8V to 5.5V; connecting FB to OUT to get 3.3V; or connecting to GND to get 5.0V. For additional design flexibility, the peak current of theinternal switch is selectable (0.65A or 1.0A). The SS6612 also features a circuit that eliminates noise caused by inductor ringing. 



FEATURES

High efficiency (93% with VIN=2.4V,VOUT= 3.3V, IOUT=200mA)

Output current up to 500mA. (VIN=2.4V, at VOUT=3.3V, CLSEL=OUT)

Quiescent supplycurrentof 20mA

Power-saving shutdown mode (0.1µA typical).

Internal synchronous rectifier (no externaldiode required).

Selectable current limit for reduced ripple.

Low-noise, anti-ringing feature.

On-chip low-battery detector.

Low-battery hysteresis.

Space-saving package: MSOP-10



APPLICATIONS

Palmtop & Notebook Computers.

PDAs

Wireless Phones

Pocket Organizers.

Digital Cameras.

Hand-Held Devices with 1 to 3 Cells of NiMH/NiCd Batteries.




Similar Part No. - SS6612COTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
SS6610COTR ETC1-SS6610COTR Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6610GOTR SSC-SS6610GOTR Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
logo
List of Unclassifed Man...
SS6611 ETC1-SS6611 Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
More results


Similar Description - SS6612COTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Linear Technology
LTC3125 LINER-LTC3125_15 Datasheet
313Kb / 18P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
High efficiency PFM synchronous step-up DC/DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com