Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C01A Datasheet (PDF) - Xicor Inc.

X24C01A Datasheet PDF - Xicor Inc.
Part # X24C01A
Download  X24C01A Download
File Size   58.88 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Serial E2PROM

X24C01A Datasheet (PDF)

Go To PDF Page Download Datasheet
X24C01A Datasheet PDF - Xicor Inc.

Part # X24C01A
Download  X24C01A Click to download

File Size   58.88 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Serial E2PROM

X24C01A Datasheet (HTML) - Xicor Inc.


X24C01A Product details

DESCRIPTION

The X24C01A is a CMOS 1024 bit serial E2PROM, internally organized 128 x 8. The X24C01A features a serial interface and software protocol allowing operation on a simple two wire bus. Three address inputs allow up to eight devices to share a common two wire bus.



FEATURES

•2.7V to 5.5V Power Supply

•Low Power CMOS

—Active Current Less Than 1 mA

—Standby Current Less Than 50 µA

•Internally Organized 128 x 8

•Self Timed Write Cycle

—Typical Write Cycle Time of 5 ms

•2 Wire Serial Interface

—Bidirectional Data Transfer Protocol

•Four Byte Page Write Operation

—Minimizes Total Write Time Per Byte

•High Reliability

—Endurance: 100,000 Cycles

—Data Retention: 100 Years

•New Hardwire – Write Control Function




Similar Part No. - X24C01A

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
Serial E2PROM
X24C01AP ICMIC-X24C01AP Datasheet
272Kb / 13P
Serial E2PROM
X24C01AP-3 ICMIC-X24C01AP-3 Datasheet
272Kb / 13P
Serial E2PROM
X24C01AP-3.5 ICMIC-X24C01AP-3.5 Datasheet
272Kb / 13P
Serial E2PROM
X24C01APG ICMIC-X24C01APG Datasheet
272Kb / 13P
Serial E2PROM
More results


Similar Description - X24C01A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24012 XICOR-X24012 Datasheet
59Kb / 14P
Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
Serial E2PROM
X24042 XICOR-X24042 Datasheet
62Kb / 15P
Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
Serial E2PROM
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
Serial E2PROM
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
Serial E2PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com