Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFP4N65 Datasheet (PDF) - SemiHow Co.,Ltd.

HFP4N65 Datasheet PDF - SemiHow Co.,Ltd.
Part # HFP4N65
Download  HFP4N65 Download
File Size   802.69 Kbytes
Page   8 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description 650V N-Channel MOSFET

HFP4N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFP4N65 Datasheet PDF - SemiHow Co.,Ltd.

Part # HFP4N65
Download  HFP4N65 Click to download

File Size   802.69 Kbytes
Page   8 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description 650V N-Channel MOSFET

HFP4N65 Datasheet (HTML) - SemiHow Co.,Ltd.


HFP4N65 Product details

FEATURES
❐ Originative New Design
❐ Superior Avalanche Rugged Technology
❐ Robust Gate Oxide Technology
❐ Very Low Intrinsic Capacitances
❐ Excellent Switching Characteristics
❐ Unrivalled Gate Charge : 15 nC (Typ.)
❐ Extended Safe Operating Area
❐ Lower RDS(ON) : 2.3 Ω (Typ.) @VGS=10V
❐ 100% Avalanche Tested




Similar Part No. - HFP4N65

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HFP4N65 HUASHAN-HFP4N65 Datasheet
824Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor
logo
SemiHow Co.,Ltd.
HFP4N65F SEMIHOW-HFP4N65F Datasheet
265Kb / 9P
650V N-Channel MOSFET
More results


Similar Description - HFP4N65

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
650V N-Channel MOSFET
HFP2N65 SEMIHOW-HFP2N65 Datasheet
872Kb / 7P
650V N-Channel MOSFET
HFP8N65S SEMIHOW-HFP8N65S Datasheet
873Kb / 8P
650V N-Channel MOSFET
HFS2N65 SEMIHOW-HFS2N65 Datasheet
868Kb / 7P
650V N-Channel MOSFET
HFS4N65 SEMIHOW-HFS4N65 Datasheet
848Kb / 7P
650V N-Channel MOSFET
HFS10N65S SEMIHOW-HFS10N65S Datasheet
906Kb / 7P
650V N-Channel MOSFET
HFU2N65 SEMIHOW-HFU2N65 Datasheet
876Kb / 7P
650V N-Channel MOSFET
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
650V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com