Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFP13N50S Datasheet (PDF) - SemiHow Co.,Ltd.

HFP13N50S Datasheet PDF - SemiHow Co.,Ltd.
Part # HFP13N50S
Download  HFP13N50S Download
File Size   946.97 Kbytes
Page   8 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description 500V N-Channel MOSFET

HFP13N50S Datasheet (PDF)

Go To PDF Page Download Datasheet
HFP13N50S Datasheet PDF - SemiHow Co.,Ltd.

Part # HFP13N50S
Download  HFP13N50S Click to download

File Size   946.97 Kbytes
Page   8 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description 500V N-Channel MOSFET

HFP13N50S Datasheet (HTML) - SemiHow Co.,Ltd.


HFP13N50S Product details

FEATURES
❐ Originative New Design
❐ Superior Avalanche Rugged Technology
❐ Robust Gate Oxide Technology
❐ Very Low Intrinsic Capacitances
❐ Excellent Switching Characteristics
❐ Unrivalled Gate Charge : 38 nC (Typ.)
❐ Extended Safe Operating Area
❐ Lower RDS(ON) : 0.39 Ω (Typ.) @VGS=10V
❐ 100% Avalanche Tested




Similar Part No. - HFP13N50S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFP13N50S SEMIHOW-HFP13N50S_14 Datasheet
170Kb / 8P
500V N-Channel MOSFET
More results


Similar Description - HFP13N50S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA24N50 FAIRCHILD-FQA24N50 Datasheet
734Kb / 8P
500V N-Channel MOSFET
FQAF13N50 FAIRCHILD-FQAF13N50 Datasheet
723Kb / 8P
500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
500V N-Channel MOSFET
FQD5N50 FAIRCHILD-FQD5N50 Datasheet
772Kb / 9P
500V N-Channel MOSFET
FQL40N50 FAIRCHILD-FQL40N50 Datasheet
623Kb / 8P
500V N-Channel MOSFET
FQL40N50F FAIRCHILD-FQL40N50F Datasheet
635Kb / 8P
500V N-Channel MOSFET
FQNL2N50B FAIRCHILD-FQNL2N50B Datasheet
598Kb / 8P
500V N-Channel MOSFET
FQP2N50 FAIRCHILD-FQP2N50 Datasheet
717Kb / 8P
500V N-Channel MOSFET
FQP4N50 FAIRCHILD-FQP4N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
FQPF1N50 FAIRCHILD-FQPF1N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com